Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRZZHHTT-65B-R7N43 Datasheet(PDF) 1 Page - CommScope Inc.

Part # RRZZHHTT-65B-R7N43
Description  16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

RRZZHHTT-65B-R7N43 Datasheet(HTML) 1 Page - CommScope Inc.

  RRZZHHTT-65B-R7N43 Datasheet HTML 1Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 2Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 3Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 4Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 5Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RRZZHHTT-65B-R7N43
©2022 CommScope, Inc. All rights reserved. All trademarks identified by ® or ™ are registered trademarks,
respectively, of CommScope. All specifications are subject to change without notice. See www.commscope.com for the
most current information. Revised: August 29, 2022
Page of
1
5
16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and
4x 2490-2690 MHz, 65° HPBW, 7x RET
All Internal RET actuators are connected in “Cascaded SRET” configuration
Supports re-configurable antenna sharing capability enabling control of the internal RET system
using up to two separate RET compatible OEM radios
Array configuration provides capability for 4T4R (4x MIMO) on Low band and High band
Retractable tilt indicator rods
Antenna shape optimized for wind load reduction
General Specifications
Antenna Type
Sector
Band
Multiband
Color
Light Gray (RAL 7035)
Grounding Type
RF connector inner conductor and body grounded to reflector and mounting
bracket
Performance Note
Outdoor usage
Radome Material
Fiberglass, UV resistant
Reflector Material
Aluminum
RF Connector Interface
4.3-10 Female
RF Connector Location
Bottom
RF Connector Quantity, mid band
12
RF Connector Quantity, low band
4
RF Connector Quantity, total
16
Remote Electrical Tilt (RET) Information
RET Hardware
CommRET v2
RET Interface
8-pin DIN Female    |   8-pin DIN Male
RET Interface, quantity
2 female    |   2 male
Input Voltage
10–30 Vdc
Internal RET
Low band (2)    |   Mid band (5)
Power Consumption, active state, maximum
8 W
Power Consumption, idle state, maximum
1 W
Protocol
3GPP/AISG 2.0 (Single RET)


Similar Description - RRZZHHTT-65B-R7N43

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM4E104EX ADL-MSM4E104EX Datasheet
209Kb / 1P
4x 1Gb LAN
logo
Japan Aviation Electron...
DG1R025HS1 JAE-DG1R025HS1 Datasheet
208Kb / 1P
4X RECEPTACLE
logo
List of Unclassifed Man...
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
NEMA 4X ENCLOSURE
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
CommScope Inc.
R2V4PX310R COMMSCOPE-R2V4PX310R Datasheet
528Kb / 3P
12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020
HBX-3319DS-VTM COMMSCOPE-HBX-3319DS-VTM Datasheet
367Kb / 4P
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
HBXX-3319DS-VTM COMMSCOPE-HBXX-3319DS-VTM Datasheet
378Kb / 3P
4-port sector antenna, 4x 1710–2180 MHz, 33° HPBW, RET compatible
July 28, 2022
CVVPX306R3 COMMSCOPE-CVVPX306R3 Datasheet
657Kb / 4P
6-port sector antenna, 2x 790–960 and 4x 1710–2690 MHz, 65° HPBW, 3x RET with manual override
July 15, 2019
logo
FIBOX Enclosing innovat...
3530596 FIBOX-3530596 Datasheet
44Kb / 1P
Size 2 Remarks : 4x PG11/217x PG16
31.07.2023
logo
Molex Electronics Ltd.
1001710100 MOLEX-1001710100 Datasheet
540Kb / 7P
HD 4X RAD TO HD 4X STR
2018/07/11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com