Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRZZHHTT-65B-R7N43 Datasheet(PDF) 5 Page - CommScope Inc.

Part # RRZZHHTT-65B-R7N43
Description  16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

RRZZHHTT-65B-R7N43 Datasheet(HTML) 5 Page - CommScope Inc.

  RRZZHHTT-65B-R7N43 Datasheet HTML 1Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 2Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 3Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 4Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 5Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RRZZHHTT-65B-R7N43
©2022 CommScope, Inc. All rights reserved. All trademarks identified by ® or ™ are registered trademarks,
respectively, of CommScope. All specifications are subject to change without notice. See www.commscope.com for the
most current information. Revised: August 29, 2022
Page of
5
5
Wind Loading @ Velocity, frontal
494.0 N @ 150 km/h (111.1 lbf @ 150 km/h)
Wind Loading @ Velocity, lateral
266.0 N @ 150 km/h (59.8 lbf @ 150 km/h)
Wind Loading @ Velocity, maximum
780.0 N @ 150 km/h (175.4 lbf @ 150 km/h)
Wind Loading @ Velocity, rear
319.0 N @ 150 km/h (71.7 lbf @ 150 km/h)
Wind Speed, maximum
241 km/h   |   149.75 mph
Packaging and Weights
Width, packed
530 mm   |   20.866 in
Depth, packed
349 mm   |   13.74 in
Length, packed
2272 mm   |   89.449 in
Weight, gross
49.7 kg   |   109.57 lb
Regulatory Compliance/Certifications
Agency
Classification
CHINA-ROHS
Above maximum concentration value
ISO 9001:2015
Designed, manufactured and/or distributed under this quality management system
ROHS
Compliant/Exempted
Included Products
BSAMNT-3
Wide Profile Antenna Downtilt Mounting Kit for 2.4 - 4.5 in (60 - 115 mm) OD round members.
Kit contains one scissor top bracket set and one bottom bracket set.
* Footnotes
Performance Note
Severe environmental conditions may degrade optimum performance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com