Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM2CS1512VDC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NSAM2CS1512VDC
Description  Switching capacity up to 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NSAM2CS1512VDC Datasheet(HTML) 1 Page - DB Lectro Inc

  NSAM2CS1512VDC Datasheet HTML 1Page - DB Lectro Inc NSAM2CS1512VDC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Switching capacity up to 20A.
PC board mounting.
Suitable for automobile auxiliary.
Ordering Information
NSAM
2C
S
15
12VDC
1
2
3
4
5
1 Part number:NSAM
2 Contact arrangement:2A:2A;2C:2C;
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact Current:7A,10A,15A,20A
5 Coil rated Voltage(V):DC:3,5,6,9,12,18,24
Contact Data
Contact Arrangement
2A
DPSTNO
f2C DPDT(B-M)
Contact Material
Ag SnO
2
Contact Rating (resistive)
NO: 15A,20A/15VDC, 10A,15A/24VDC,125VAC ;
NC: 10A,15A/15VDC,125VAC; 7A,10A/24VDC
Max. Switching Power
300W
2000VA
Max. Switching Voltage
30VDC 220VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
005-450
5
6.5
56
3.75
0.25
006-450
6
7.8
80
4.50
0.30
009-450
9
11.7
180
6.75
0.45
012-450
12
15.6
320
9.00
0.60
018-450
18
23.4
720
13.5
0.90
024-450
24
31.2
1280
18.0
1.20
0.45
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
123
NSAM
23.1
×17.2×16.2
www.dblectro.com


Similar Part No. - NSAM2CS1512VDC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NSAM2CS1512VDC DBLECTRO-NSAM2CS1512VDC Datasheet
470Kb / 2P
Suitable for automobile accessories
More results

Similar Description - NSAM2CS1512VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
CTA17 CIT-CTA17 Datasheet
159Kb / 2P
Switching capacity up to 20A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com