Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP627F
Description  TOSHIBA Photocoupler IRED Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP627F Datasheet HTML 1Page - Toshiba Semiconductor TLP627F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP627F
1
2019-05-20
© 2019
Toshiba Electronic Devices & Storage Corporation
TOSHIBA Photocoupler
IRED + Phototransistor
TLP627F
○ Programmable Controllers
○ DC Output Modules
○ Telecommunications
The TOSHIBA TLP627F consists of an infrared emitting diode
optically coupled to a Darlington-connected phototransistor. The
350-V collector-emitter breakdown voltage of the TLP627F makes
it suitable for applications such as 100-V DC output modules in
programmable controllers and pulse dialers.
Emitter-collector voltage : 300 V (min)
Current transfer ratio
: 1000% (min)
Isolation voltage
: 5000 Vrms
UL-recognized
: UL 1577, File No.E67349
cUL-recognized
: CSA Component Acceptance
Service No.5A File No.E67349
 VDE-approved
: EN 60747-5-5 (Note 1)
Note 1: When a VDE approved type is needed,
please designate the Option(D4).
Construction Mechanical Ratings
10.16-mm Pitch
TLP627F / (LF2)
Creepage Distance
Clearance
Insulation Thickness
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
JEDEC
―
JEITA
―
TOSHIBA
11
−5B202S
Weight: 0.26 g (typ.)
Unit: mm
Pin Configurations (Top View)
1: Anode
2: Cathode
3: Emitter
4: Collector
Start of commercial production
1998-09


Similar Part No. - TLP627F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP627FT TOSHIBA-TLP627FT Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
More results

Similar Description - TLP627F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP170D TOSHIBA-TLP170D Datasheet
227Kb / 6P
TOSHIBA Photocoupler IRED & Photo-MOSFET
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com