Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBOS375 Datasheet(PDF) 4 Page - Texas Instruments

Part # SBOS375
Description  XTR111 Demonstration Fixture Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SBOS375 Datasheet(HTML) 4 Page - Texas Instruments

  SBOS375 Datasheet HTML 1Page - Texas Instruments SBOS375 Datasheet HTML 2Page - Texas Instruments SBOS375 Datasheet HTML 3Page - Texas Instruments SBOS375 Datasheet HTML 4Page - Texas Instruments SBOS375 Datasheet HTML 5Page - Texas Instruments SBOS375 Datasheet HTML 6Page - Texas Instruments SBOS375 Datasheet HTML 7Page - Texas Instruments SBOS375 Datasheet HTML 8Page - Texas Instruments SBOS375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Basic EVM Configuration
www.ti.com
3
Basic EVM Configuration
3.1
EVM Setup
Follow these procedures to set up and use the XTR111EVM:
•
Remove jumper J1 to enable the output.
•
Connect a power supply configured for +24 V and GND to terminal block TB1.
•
Enable the power supply. Expect a supply current of less than 6 mA and an output voltage near
ground.
•
Apply a 0-V to 5-V signal to VIN, located on terminal block TB4.
•
Measure IOUT at terminal block TB2.
•
Connect J2 to place a resistive load on the XTR111 output in order to measure the voltage at VOUT or
VOUT_F.
The XTR111EVM configurations for current and voltage outputs are shown in Figure 2 and Figure 3,
respectively.
Figure 2. Current Output Setup
4
XTR111 Demonstration Fixture User's Guide
SBOU048C – April 2007 – Revised April 2013
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com