Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBOS375 Datasheet(PDF) 2 Page - Texas Instruments

Part # SBOS375
Description  XTR111 Demonstration Fixture Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SBOS375 Datasheet(HTML) 2 Page - Texas Instruments

  SBOS375 Datasheet HTML 1Page - Texas Instruments SBOS375 Datasheet HTML 2Page - Texas Instruments SBOS375 Datasheet HTML 3Page - Texas Instruments SBOS375 Datasheet HTML 4Page - Texas Instruments SBOS375 Datasheet HTML 5Page - Texas Instruments SBOS375 Datasheet HTML 6Page - Texas Instruments SBOS375 Datasheet HTML 7Page - Texas Instruments SBOS375 Datasheet HTML 8Page - Texas Instruments SBOS375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Hardware Features
www.ti.com
2
Hardware Features
This section describes the hardware features found on the XTR111EVM.
2.1
XTR111EVM
The XTR111EVM is used for the basic functional evaluation of the XTR111. The EVM provides the
following features:
•
Easy handling of the small DFN package. The DFN device is already soldered to the landing pattern
on the PCB. A mechanical drawing of the recommended land pattern can be found at the end of the
XTR111 product data sheet.
•
Easy access to all device pins.
•
Easily-configurable digital inputs (OD and EF) to disable the output, modify the output circuit for
voltage output, or apply a 4-mA signal shift.
•
LED indicator for the error flag, EF.
•
Output protection and filtering circuitry.
The XTR111EVM is initially configured to a basic setup for 0 mA to 20 mA operation with a 0-V to 5-V
input. Note that although the accuracy of the gain setting resistor, R
SET, used in the EVM is 0.1%, the
XTR111 device has greater accuracy. The remaining resistors are standard 1%. The voltage regulator is
set to 5 V.
The EVM requires one external power-supply voltage with a range of 8 V to 40 V.
Refer to the XTR111 product data sheet for comprehensive information about the XTR111 and possible
device configurations. Figure 1 shows the XTR111 EVM.
Figure 1. XTR111EVM
2
XTR111 Demonstration Fixture User's Guide
SBOU048C – April 2007 – Revised April 2013
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com