Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBOS375 Datasheet(PDF) 8 Page - Texas Instruments

Part # SBOS375
Description  XTR111 Demonstration Fixture Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SBOS375 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SBOS375 Datasheet HTML 4Page - Texas Instruments SBOS375 Datasheet HTML 5Page - Texas Instruments SBOS375 Datasheet HTML 6Page - Texas Instruments SBOS375 Datasheet HTML 7Page - Texas Instruments SBOS375 Datasheet HTML 8Page - Texas Instruments SBOS375 Datasheet HTML 9Page - Texas Instruments SBOS375 Datasheet HTML 10Page - Texas Instruments SBOS375 Datasheet HTML 11Page - Texas Instruments SBOS375 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Schematic, PCB Layout, and Bill of Materials
www.ti.com
4.3
Bill of Materials
The bill of materials for the XTR111EVM can be seen in Table 3.
Table 3. Bill of Materials
Item
Manufacturer
Supplier
No.
Qty
Ref Des
Description
Manufacturer
Part Number
Part Number
IC CONV/TX PREC VOLT-CURR 10-
1
1
U1
Texas Instruments
XTR111AIDRCT
N/A
SON
2
1
U2
IC REG LDO 5V .1A 8MSOP
Texas Instruments
TPS7A1650DGNR
N/A
TB1, TB2,
TERM BLOCK 2POS SIDE ENT
A98036-ND
3
4
TE Conectivity
1776275-2
TB3, TB4
3.5MM
4
1
Q1
MOSFET P-CH 60V 900MA SOT23-3
Diodes Inc
ZXMP6A13FTA
ZXMP6A13FCT-ND
5
1
Q2
TRANSISTOR GP PNP AMP SOT-23
Fairchild Semiconductor
MMBT5087
MMBT5087CT-ND
6
1
Q3
MOSFET P-CH 60V 1.9A SOT-223
Infineon Technologies
BSP170P L6327
BSP170PL6327INCT-ND
7
1
C1
CAP TANT 10UF 50V 20% 2917
Kermet
T491X106M050ZT
495-2288-1-ND
CAP CER 10000PF 100V 5% X7R
8
3
C2, C3, C4
AVX Corporation
08051C103JAT2A
478-3745-1-ND
0805
9
1
C5
CAP CER 0.47UF 50V 10% X7R 0805
AVX Corporation
08055C474KAT2A
478-5033-1-ND
10
1
C6
CAP CER 1UF 50V 10% X5R 0805
Taiyo Yuden
UMK212BJ105KG-T
587-2229-1-ND
11
1
C7
CAP CER 10UF 6.3V 10% X7R 0805
AVX Corporation
08056C106KAT2A
478-5322-1-ND
R1, R4,
Panasonic Electronic
12
4
RES 10.0K OHM 1/8W 1% 0805 SMD
ERJ-6ENF1002V
P10.0KCCT-ND
R7, R8
Components
Panasonic Electronic
13
1
R2
RES 100K OHM 1/8W 1% 0805 SMD
ERJ-6ENF1003V
P100KCCT-ND
Components
Panasonic Electronic
14
2
R3, R5
RES 15.0 OHM 1/8W 1% 0805 SMD
ERJ-6ENF15R0V
P15.0CCT-ND
Components
Panasonic Electronic
15
1
R6
RES 40.2K OHM 1/8W 1% 0805 SMD
ERJ-6ENF4022V
P40.2KCCT-ND
Components
Panasonic Electronic
16
1
R9
RES 5.62K OHM 1/8W 1% 0805 SMD
ERJ-6ENF5621V
P5.62KCCT-ND
Components
Panasonic Electronic
17
1
R10
RES 1.00K OHM 1/8W 1% 0805 SMD
ERJ-6ENF1001V
P1.00KCCT-ND
Components
Panasonic Electronic
18
1
R11
RES 8.25K OHM 1/8W 1% 0805 SMD
ERJ-6ENF8251V
P8.25KCCT-ND
Components
Panasonic Electronic
19
1
RSET
RES 2.49K OHM 1/8W .1% 0805 SMD
ERA-6AEB2491V
P2.49KDACT-ND
Components
Panasonic Electronic
20
1
RL1
RES 249 OHM 1/8W 1% 0805 SMD
ERJ-6ENF2490V
P249CCT-ND
Components
Vishay Semiconductor
21
1
D1
DIODE SCHOTTKY 1A 60V SMA
SS16-E3/5AT
SS16-E3/61TGICT-ND
Diodes Division
Panasonic Electronic
22
1
D2
LED RED HIGH BRIGHT ESS SMD
LNJ237W82RA
LNJ237W82RACT-ND
Components
DIODE TVS 40V 400W BIDIR 5%
23
1
D3
Littlefuse Inc
SMAJ40CA
SMAJ40CALFCT-ND
SMA
EF, VIN,
TEST POINT PC COMPACT .063"D
24
13
GND,
Keystone Electronics
5005
5005K-ND
RED
VREG
25
3
N/A
SHUNT LP W/HANDLE 2 POS 30AU
TE Connectivity
881545-2
A26242-ND
CONN HEADER 50POS .100" SGL
26
3
J1, J2, J3
Samtec Inc
TSW-150-07-G-S
SAM1029-50-ND
GOLD
BUMPON CYLINDRICAL .50X.14
27
4
Bumpons
3M
SJ-5012 (BLACK)
SJ5012-0-ND
BLACK
8
XTR111 Demonstration Fixture User's Guide
SBOU048C – April 2007 – Revised April 2013
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com