Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBOS375 Datasheet(PDF) 1 Page - Texas Instruments

Part # SBOS375
Description  XTR111 Demonstration Fixture Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SBOS375 Datasheet(HTML) 1 Page - Texas Instruments

  SBOS375 Datasheet HTML 1Page - Texas Instruments SBOS375 Datasheet HTML 2Page - Texas Instruments SBOS375 Datasheet HTML 3Page - Texas Instruments SBOS375 Datasheet HTML 4Page - Texas Instruments SBOS375 Datasheet HTML 5Page - Texas Instruments SBOS375 Datasheet HTML 6Page - Texas Instruments SBOS375 Datasheet HTML 7Page - Texas Instruments SBOS375 Datasheet HTML 8Page - Texas Instruments SBOS375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
User's Guide
SBOU048C – April 2007 – Revised April 2013
XTR111 Demonstration Fixture User's Guide
This EVM features the XTR111 voltage-to-current converter integrated circuit and allows for evaluation in
a variety of configurations. This user’s guide describes the characteristics, operation, and use of the
XTR111EVM evaluation board. It discusses how to set up and configure the hardware and reviews
various aspects of the parts operation. Throughout this document the terms demonstration fixture,
evaluation board, evaluation module, and EVM are synonymous with the XTR111EVM. This user’s guide
also includes information regarding operating procedures, input/output connections, an electrical
schematic, printed circuit board (PCB) layout, and a parts list for the EVM.
The following related documents are available through the Texas Instruments web site at www.ti.com.
Table 1. Related Documentation from Texas Instruments
Document
Literature Number
XTR111 Product Data Sheet
SBOS375
QFN / SON PCB Attachment Application Note
SLUA271
Quad Flatpack No-Lead Logic Packages Application Note
SCBA017
Contents
1
Overview
..................................................................................................................... 1
2
Hardware Features
......................................................................................................... 2
3
Basic EVM Configuration
.................................................................................................. 4
4
Schematic, PCB Layout, and Bill of Materials
........................................................................... 6
1
Overview
The XTR111 is a precision voltage-to-current converter designed for standard 0-mA to 20-mA or 4-mA to
20-mA analog signals, but can source up to 36 mA. The ratio between input voltage and output current is
set by a single resistor, R
SET. This reference resistor is an external device because absolute accuracy is
required and performance can be selected to meet application requirements. A few features of the
XTR111 include:
•
An external P-MOSFET ensures high output resistance and a broad compliance voltage range
extending from 2 V below the positive supply (VSP) to voltages well below the negative supply (GND).
•
An adjustable 3-V to 15-V subregulator output provides the supply voltage for additional circuitry.
•
An error flag (EF) is provided to indicate fault conditions on the current output. This flag indicates open
load or high load resistance.
•
The XTR111 also provides output disable control (OD). OD must be asserted low to activate the
output.
The XTR111 is available in either a DFN surface-mount package or an MSOP PowerPAD™ package.
PowerPAD is a trademark of Texas Instruments.
1
SBOU048C – April 2007 – Revised April 2013
XTR111 Demonstration Fixture User's Guide
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated


Similar Part No. - SBOS375

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBO-090GP HANWHAVISION-SBO-090GP Datasheet
543Kb / 3P
Wall Adaptor
SBO-100B1 HANWHAVISION-SBO-100B1 Datasheet
887Kb / 4P
1080p Analog HD IR Bullet Camera
Ver 202501
SBO-100B1 HANWHAVISION-SBO-100B1 Datasheet
887Kb / 4P
1080p Analog HD IR Bullet Camera
Ver 202501
SBO-100B1 HANWHAVISION-SBO-100B1 Datasheet
960Kb / 3P
QHD (4MP) Analog IR Bullet Camera
SBO-100B1 HANWHAVISION-SBO-100B1 Datasheet
960Kb / 3P
QHD (4MP) Analog IR Bullet Camera
More results

Similar Description - SBOS375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
DRV411EVM Users Guide
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
Software Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
Evaluation Module Users Guide
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
Software Users Guide
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
EVALUATION KIT USERS GUIDE
logo
Texas Instruments
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
RF430FRL152HEVM Users Guide
Revised July 2018
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
LM60440AQEVM Users Guide
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com