Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935B1F104F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 935B1F104F
Description  METALLIZED POLYPROPYLENE CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

935B1F104F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  935B1F104F Datasheet HTML 1Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 2Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 3Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 4Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 5Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
®
METALLIZED POLYPROPYLENE
931A SERIES
*Add tolerance designator to complete part number: F = ±1%, G = ±2%, J = ±5%, K = ±10%, M = ±20%
EPOXY CASE
RECTANGULAR
CONFIGURATION
For max. T, W and L dimensions, allow + .010”.
LEAD LENGTH: 1.5” MIN.
.0010
931A1B102*
.17
.27
.49
24
931A1C102*
.17
.29
.42
24
931A1E102*
.17
.29
.42
24
.0015
931A1B152*
.17
.27
.49
24
931A1C152*
.17
.29
.42
24
931A1E152*
.17
.29
.42
24
.0022
931A1B222*
.17
.27
.49
24
931A1C222*
.17
.29
.42
24
931A1E222*
.17
.29
.42
24
.0033
931A1B332*
.17
.27
.49
24
931A1C332*
.17
.29
.42
24
931A1E332*
.17
.29
.42
24
.0047
931A1B472*
.17
.27
.49
24
931A1C472*
.17
.29
.42
24
931A1E472*
.17
.29
.42
24
.0068
931A1B682*
.17
.27
.49
24
931A1C682*
.17
.29
.42
24
931A1E682*
.17
.29
.42
24
.0082
931A1B822
.17
.27
.49
24
931A1C822*
.17
.29
.42
24
931A1E822*
.17
.29
.55
24
.010
931A1B103*
.17
.27
.49
24
931A1C103*
.17
.29
.42
24
931A1E103*
.17
.29
.55
24
.015
931A1B153*
.17
.27
.49
24
931A1C153*
.17
.29
.55
24
931A1E153*
.23
.36
.55
24
.022
931A1B223*
.17
.27
.49
24
931A1C223*
.17
.29
.55
24
931A1E223*
.23
.36
.55
24
.033
931A1B333*
.17
.29
.55
24
931A1C333*
.17
.29
.55
24
931A1E333*
.29
.42
.55
24
.047
931A1B473*
.17
.29
.55
24
931A1C473*
.23
.36
.55
24
931A1E473*
.29
.42
.67
24
.068
931A1B683*
.17
.29
.55
24
931A1C683*
.23
.36
.55
24
931A1E683*
.29
.42
.67
24
.082
931A1B823
.17
.29
.55
24
931A1C823*
.29
.42
.55
24
931A1E823*
.29
.42
.82
22
.10
931A1B104*
.23
.36
.55
24
931A1C104*
.29
.42
.55
24
931A1E104*
.39
.54
.82
22
.15
931A1B154*
.23
.36
.55
24
931A1C154*
.29
.42
.67
24
931A1E154*
.39
.54
.82
22
.22
931A1B224*
.29
.42
.55
24
931A1C224*
.29
.42
.82
24
931A1E224*
.39
.54
1.04
22
.33
931A1B334*
.29
.42
.67
24
931A1C334*
.39
.54
.82
22
931A1E334*
.39
.54
1.24
22
.47
931A1B474*
.29
.42
.82
24
931A1C474*
.39
.54
1.04
22
931A1E474*
.56
.72
1.24
20
.68
931A1B684*
.39
.54
.82
22
931A1C684*
.39
.54
1.24
22
931A1ED684*
.56
.72
1.24
20
.82
931A1B824*
.39
.54
.82
22
931A1C824*
.39
.54
1.24
22
931A1E824*
.56
.72
1.75
20
1.0
931A1B105*
.39
.54
1.24
22
931A1C105*
.56
.72
1.24
20
931A1E105*
.56
.72
1.75
20
2.0
931A1B205*
.56
.72
1.24
20
931A1C205*
.56
.72
1.75
20
931A1E205*
-
-
-
-
5.0
931A1B505*
.56
.72
1.75
20
931A1C505*
-
-
-
-
931A1E505*
-
-
-
-
DIMENSIONS
LEAD
DIMENSIONS
LEAD
DIMENSIONS
LEAD
SIZE
SIZE
SIZE
MFD
PART NO.
T
W
L
(AWG)
PART NO.
T
W
L (AWG)
PART NO.
T
W
L (AWG)
100 VOLT DC/67 VAC
200 VOLT DC/135 VAC
400 VOLT DC/270 VAC
3366 Pomona Blvd. • Pomona, CA 91768 • TEL: (909) 595-4037 • FAX: (909) 595-0186
e-mail: esales@electrocube.com • Internet: www.electrocube.com • (IR: 9/99)
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com