Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935B1F104F Datasheet (PDF) - List of Unclassifed Manufacturers

935B1F104F Datasheet PDF - List of Unclassifed Manufacturers
Part # 935B1F104F
Download  935B1F104F Download
File Size   205.75 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description METALLIZED POLYPROPYLENE CAPACITORS

935B1F104F Datasheet (PDF)

Go To PDF Page Download Datasheet
935B1F104F Datasheet PDF - List of Unclassifed Manufacturers

Part # 935B1F104F
Download  935B1F104F Click to download

File Size   205.75 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description METALLIZED POLYPROPYLENE CAPACITORS

935B1F104F Datasheet (HTML) - List of Unclassifed Manufacturers


935B1F104F Product details

Temperature: -55°C to +85°C at rated voltage; to +105°C
with 50% voltage derating.
Dielectric Voltage Test: Will withstand the application of 150 VDC,
300 VDC and 600 VDC on 67 VAC, 135 VAC and 270 VAC respectively
at 25°C for a period not to exceed 1 minute; current limited to 5 mA.
DC Life Tests*: Will withstand the application of 138 VDC, 280 VDC
and 560 VDC, respectively, on the 67 VRMS, 135 VRMS and 270
VRMS parts at 105°C for 250 hrs., with not more than 1 failure in
in 12 permitted, current limited to 5 mA.
Dissipation Factor: Shall not exceed 0.1% at 25°C for values
to 1 mfd; 0.2% for values over 1 mfd.
Dielectric Absorption: Shall not exceed 0.1% at 25°C per
MIL-C-19978.
Acceptance Criteria: Measurement frequency for capacitance
and dissipation factor shall be 1000 Hz for values up to 1 mfd
and 120 Hz for values of 1.0 mfd and up.
Insulation Resistance: At DC voltages of 100 VDC (67 VAC),
200 VDC (135 VAC), 400 VDC (270 VAC), 1000 VDC (660 VAC),
units shall meet the minimum values below:




Similar Part No. - 935B1F104F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
Polypropylene Capacitors for High Frequency Filtering
logo
3M Electronics
9350 3M-9350 Datasheet
1Mb / 3P
Sample Development Design Kits for High Speed Cabling and Connectors
01-Oct-2008
logo
Amphenol Corporation
9350 AMPHENOL-9350 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
9350 AMPHENOL-9350 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
9350 AMPHENOL-9350 Datasheet
53Kb / 1P
Cable Plugs
More results


Similar Description - 935B1F104F

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
Metallized Polypropylene Capacitors
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com