Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935B1F104F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 935B1F104F
Description  METALLIZED POLYPROPYLENE CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

935B1F104F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  935B1F104F Datasheet HTML 1Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 2Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 3Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 4Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 5Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
®
METALLIZED POLYPROPYLENE
935D SERIES
*Add tolerance designator to complete part number: F = ±1%, G = ±2%, J = ±5%, K = ±10%, M = ±20%
WRAP AND FILL
ROUND CONFIGURATION
For max. D and L dimensions, allow +.050”.
LEAD LENGTH: 2.0” ± .50”
.0010
935D1B102*
.15
.40
24
935D1C102*
.15
.40
24
.0015
935D1B152*
.15
.40
24
935D1C152*
.15
.40
24
.0022
935D1B222*
.15
.40
24
935D1C222*
.15
.40
24
.0033
935D1B332*
.15
.40
24
935D1C332*
.15
.40
24
.0047
935D1B472*
.15
.40
24
935D1C472*
.15
.40
24
.0068
935D1B682*
.15
.40
24
935D1C682*
.15
.40
24
.0082
935D1B822*
.15
.40
24
935D1C822*
.15
.40
24
.010
935D1B103*
.15
.40
24
935D1C103*
.15
.40
24
.015
935D1B153*
.15
.40
24
935D1C153*
.15
.53
24
.022
935D1B223*
.15
.40
24
935D1C223*
.15
.53
24
.033
935D1B333*
.15
.53
24
935D1C333*
.18
.53
24
.047
935D1B473*
.15
.53
24
935D1C473*
.21
.53
24
.068
935D1B683*
.16
.53
24
935D1C683*
.24
.53
24
.082
935D1B823*
.18
.53
24
935D1C823*
.26
.53
24
.10
935D1B104*
.20
.53
24
935D1C104*
.29
.53
24
.15
935D1B154*
.24
.53
24
935D1C154*
.28
.65
24
.22
935D1B224*
.28
.53
24
935D1C224*
.29
.78
24
.33
935D1B334*
.28
.65
24
935D1C334*
.36
.78
22
.47
935D1B474*
.29
.78
24
935D1C474*
.38
.90
22
.68
935D1B684*
.35
.78
22
935D1C684*
.39
1.15
22
.82
935D1B824*
.38
.78
22
935D1C824*
.43
1.15
22
1.0
935D1B105*
.31
1.15
22
935D1C105*
.47
1.15
22
2.0
935D1B205*
.43
1.15
22
935D1C205*
.57
1.40
20
5.0
935D1B505*
.55
1.65
20
935D1C505*
.74
1.90
20
10.0
935D1B106*
.70
1.90
20
935D1C106*
1.05
1.90
20
15.0
935D1B156*
.86
1.90
20
935D1C156*
1.31
1.90
20
20.0
935D1B206*
.99
1.90
20
935D1C206*
1.48
1.90
20
DIMENSIONS
LEAD
DIMENSIONS
LEAD
SIZE
SIZE
MFD
PART NO.
D
L
(AWG)
PART NO.
D
L
(AWG)
100 VOLT DC/67 VAC
200 VOLT DC/135 VAC
.0010
935D1E102*
.15
.40
24
935D1F102*
.15
.40
24
.0015
935D1E152*
.15
.40
24
935D1F152*
.15
.40
24
.0022
935D1E222*
.15
.40
24
935D1F222*
.15
.40
24
.0033
935D1E332*
.15
.40
24
935D1F332*
.15
.40
24
.0047
935D1E472*
.15
.40
24
935D1F472*
.15
.40
24
.0068
935D1E682*
.15
.40
24
935D1F682*
.19
.53
24
.0082
935D1E822*
.15
.53
24
935D1F822*
.20
.53
24
.010
935D1E103*
.15
.53
24
935D1F103*
.21
.53
24
.015
935D1E153*
.15
.53
24
935D1F153*
.23
.53
24
.022
935D1E223*
.18
.53
24
935D1F223*
.25
.69
24
.033
935D1E333*
.22
.53
24
935D1F333*
.29
.69
24
.047
935D1E473*
.26
.53
24
935D1F473*
.34
.69
22
.068
935D1E683*
.31
.53
24
935D1F683*
.32
.95
22
.082
935D1E823*
.28
.65
24
935D1F823*
.34
.95
22
.10
935D1E104*
.30
.65
22
935D1F104*
.37
.95
22
.15
935D1E154*
.37
.65
22
935D1F154*
.45
.95
22
.22
935D1E224*
.39
.78
22
935D1F224*
.46
1.21
20
.33
935D1E334*
.48
.78
20
935D1F334*
.55
1.21
20
.47
935D1E474*
.43
1.15
20
935D1F474*
.65
1.21
20
.68
935D1E684*
.49
1.15
20
935D1F684*
.63
1.71
20
.82
935D1E824*
.55
1.15
20
935D1F824*
.69
1.71
20
1.0
935D1E105*
.54
1.40
20
935D1F105*
.75
1.71
20
2.0
935D1E205*
.68
1.65
20
935D1F205*
.96
1.96
20
5.0
935D1E505*
.98
1.90
20
935D1F505*
1.24
2.71
20
10.0
935D1E106*
1.38
1.90
20
935D1F106*
-
-
-
15.0
935D1E156*
-
-
-
935D1F156*
-
-
-
20.0
935D1E206*
-
-
-
935D1F206*
-
-
-
DIMENSIONS
LEAD
DIMENSIONS
LEAD
SIZE
SIZE
MFD
PART NO.
D
L
(AWG)
PART NO.
D
L
(AWG)
400 VOLT DC/270 VAC
600 VOLT DC/440 VAC
3366 Pomona Blvd. • Pomona, CA 91768 • TEL: (909) 595-4037 • FAX: (909) 595-0186
e-mail: esales@electrocube.com • Internet: www.electrocube.com • (IR: 9/99)
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com