Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935B1F104F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 935B1F104F
Description  METALLIZED POLYPROPYLENE CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

935B1F104F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  935B1F104F Datasheet HTML 1Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 2Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 3Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 4Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 5Page - List of Unclassifed Manufacturers 935B1F104F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
METALLIZED POLYPROPYLENE
932A SERIES
*Add tolerance designator to complete part number: F = ±1%, G = ±2%, J = ±5%, K = ±10%, M = ±20%
.0010
932A1B102*
.18 .30
.42
.300
22
932A1C102*
.18
.30
.42
.300
22
932A1E102*
.18 .30
.42 .300
22
.0015
932A1B152*
.18 .30
.42
.300
22
932A1C152*
.18
.30
.42
.300
22
932A1E152*
.18 .30
.42 .300
22
.0022
932A1B222*
.18 .30
.42
.300
22
932A1C222*
.18
.30
.42
.300
22
932A1E222*
.18 .30
.42 .300
22
.0033
932A1B332*
.18 .30
.42
.300
22
932A1C332*
.18
.30
.42
.300
22
932A1E332*
.18 .30
.42 .300
22
.0047
932A1B472*
.18 .30
.42
.300
22
932A1C472*
.18
.30
.42
.300
22
932A1E472*
.18 .30
.42 .300
22
.0068
932A1B682*
.18 .30
.42
.300
22
932A1C682*
.18
.30
.42
.300
22
932A1E682*
.18 .30
.42 .300
22
.0082
932A1B822*
.18 .30
.42
.300
22
932A1C822*
.18
.30
.42
.300
22
932A1E822*
.18 .30
.55 .400
22
.010
932A1B103*
.18 .30
.42
.300
22
932A1C103*
.18
.30
.42
.300
22
932A1E103*
.18 .30
.55 .400
22
.015
932A1B153*
.18 .30
.42
.300
22
932A1C153*
.18
.30
.55
.400
22
932A1E153*
.24 .37
.55 .400
22
.022
932A1B223*
.18 .30
.42
.300
22
932A1C223*
.18
.30
.55
.400
22
932A1E223*
.24 .37
.55 .400
22
.033
932A1B333*
.18 .30
.55
.400
22
932A1C333*
.18
.30
.55
.400
22
932A1E333*
.30 .43
.55 .400
22
.047
932A1B473*
.18 .30
.55
.400
22
932A1C473*
.24
.37
.55
.400
22
932A1E473*
.30 .43
.67 .500
22
.068
932A1B683*
.18 .30
.55
.400
22
932A1C683*
.24
.37
.55
.400
22
932A1E683*
.30 .43
.67 .500
22
.082
932A1B823*
.18 .30
.55
.400
22
932A1C823*
.30
.43
.55
.400
22
932A1E823*
.30 .43
.82 .600
22
.10
932A1B104*
.24 .37
.55
.400
22
932A1C104*
.30
.43
.55
.400
22
932A1E104*
.40 .55
.82 .600
20
.15
932A1B154*
.24 .37
.55
.400
22
932A1C154*
.30
.43
.67
.500
22
932A1E154*
.40 .55
.82 .600
20
.22
932A1B224*
.30 .43
.55
.400
22
932A1C224*
.30
.43
.82
.600
22
932A1E224*
.40 .55 1.04 .800
20
.33
932A1B334*
.30 .43
.67
.500
22
932A1C334*
.40
.55
.82
.600
22
932A1E334*
.40 .55 1.24 1.100
20
.47
932A1B474*
.30 .43
.82
.600
22
932A1C474*
.40
.55 1.04
.800
20
932A1E474*
.57 .73 1.24 1.100
20
.68
932A1B684*
.40 .55
.82
.600
20
932A1C684*
.40
.55 1.24 1.100
20
932A1E684*
.57 .73 1.24 1.100
20
.82
932A1B824*
.40 .55
.82
.600
20
932A1C824*
.40
.55 1.24 1.100
20
932A1E824*
.57 .73 1.75 1.600
20
1.0
932A1B105*
.40 .55 1.24 1.100
20
932A1C105*
.57
.73 1.24 1.100
20
932A1E105*
.57 .73 1.75 1.600
20
2.0
932A1B205*
.57 .73 1.24 1.100
20
932A1C205*
.57
.73 1.75 1.600
20
932A1E205*
.63 1.00 1.75 1.600
20
5.0
932A1B505*
.57 .73 1.75 1.600
20
932A1C505*
-
-
-
-
-
932A1E505*
-
-
-
-
-
DIMENSIONS
LEAD
DIMENSIONS
LEAD
DIMENSIONS
LEAD
SIZE
SIZE
SIZE
MFD
PART NO.
T
W
L
S (AWG)
PART NO.
T
W
L
S (AWG)
PART NO.
T
W L
S (AWG)
100 VOLT DC/67 VAC
200 VOLT DC/135 VAC
400 VOLT DC/270 VAC
EPOXY CASE
RECTANGULAR
CONFIGURATION
For max. T, W and L dimensions, allow +.010”.
For max. S dimensions, allow +.015”.
3366 Pomona Blvd. • Pomona, CA 91768 • TEL: (909) 595-4037 • FAX: (909) 595-0186
e-mail: esales@electrocube.com • Internet: www.electrocube.com • (IR: 9/99)
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com