Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30E Datasheet(PDF) 4 Page - Artesyn Technologies

Part # SIL30E
Description  DC-DC CONVERTERS Non-isolated POL Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30E Datasheet(HTML) 4 Page - Artesyn Technologies

  SIL30E Datasheet HTML 1Page - Artesyn Technologies SIL30E Datasheet HTML 2Page - Artesyn Technologies SIL30E Datasheet HTML 3Page - Artesyn Technologies SIL30E Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated POL Converter
4
NEW Product
SIDE VIEW
PCB
0.307
±0.008
(7.80
±0.20)
2.000
±0.020 (50.84±0.50)
0.132 (3.36)
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
12
3
4
5
11 12 13
20
FRONT VIEW
15 16
14
17 18
7
69
810
1.900 (48.26)
0.050 (1.27)
0.100
±0.005
(2.54
±0.127) typ.
0.140 (3.56)
0.500
±0.020
(12.7
±0.50)
0.025 (0.64) x 0.025 (0.64)
Connector 19 Places
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note
www.artesyn.com
File Name: sil30e_12.pdf Rev (02): 16 Dec 2005
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
Vin
11
Vout
2
Vin
12
Vout
3
Ground
13
Remote ON/OFF
4
Ground
14
Ground
5
Trim
15
Ground
6
Remote Sense+
16
Ground
7
Ground
17
Ground
8
Ground
18
Vin
9
Vout
19
N/C
10
Vout
20
Vin
Figure 7 - Mechanical Drawing and Pinout Table
SIL30E Series
12 Vin Single Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com