Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30E Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL30E
Description  DC-DC CONVERTERS Non-isolated POL Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30E Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL30E Datasheet HTML 1Page - Artesyn Technologies SIL30E Datasheet HTML 2Page - Artesyn Technologies SIL30E Datasheet HTML 3Page - Artesyn Technologies SIL30E Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
File Name: sil30e_12.pdf Rev (02): 16 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated POL Converter
3
NEW Product
AMBIENT TEMPERATURE (ºC)
0ms
1ms
0
10
20
30
40
0
20
40
60
80
100
2ms
AMBIENT TEMPERATURE (ºC)
0ms
1ms
0
10
20
30
40
0
20
40
60
80
100
2ms
Figure 1 - Derating Curve
Vin = 12 V, Output Voltage = 1.5 V (See Note A)
Figure 2 - Derating Curve
Vin = 12 V, Output Voltage = 1.8 V (See Note A)
SIL30E
Load
Vout
Remote sense +
RTRIM
Trim
Vin
Gnd
Remote
ON/OFF
Cout 100µF
(Required)
Cin 47µF
Figure 6 - Standard Application
0
5
10
15
20
25
30
0
20
40
60
80
100
OUTPUT CURRENT (A)
Vout = 1V0
Vout = 1V5
Vout = 1V8
Vout = 2V0
Vout = 2V5
Vout = 3V3
Figure 5 - Efficiency vs Load Current
Vin = 12 V (See Note B)
AMBIENT TEMPERATURE (ºC)
0ms
1ms
0
10
20
30
40
0
20
40
60
80
100
2ms
Figure 3 - Derating Curve
Vin = 12 V, Output Voltage = 2.5 V (See Note A)
AMBIENT TEMPERATURE (ºC)
0ms
1ms
0
10
20
30
40
0
20
40
60
80
100
2ms
Figure 4 - Derating Curve
Vin = 12 V, Output Voltage = 3.3 V (See Note A)
SIL30E Series
12 Vin Single Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com