Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30E Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL30E
Description  DC-DC CONVERTERS Non-isolated POL Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30E Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL30E Datasheet HTML 1Page - Artesyn Technologies SIL30E Datasheet HTML 2Page - Artesyn Technologies SIL30E Datasheet HTML 3Page - Artesyn Technologies SIL30E Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
The SIL30E features a ‘Positive Logic’ Remote ON/OFF operation. If not
using the Remote ON/OFF pin, leave the pin open (the converter will be
on). The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SIL30E:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low [Von/off < 0.8 V]
Unit is OFF
Remote pin pulled high [Von/off >2.8 V]
Unit is ON
A ‘Negative Logic’ Remote ON/OFF version is also possible with this
converter. Please consult the factory for details.
2
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
3
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
DC-DC CONVERTERS
Non-isolated POL Converter
2
NEW Product
File Name: sil30e_12.pdf Rev (02): 16 Dec 2005
SIL30E-12W3V3-VJ
Part Number System with Options
Product Family
SIL = Single In Line
Rated Output Current
30 = 30 Amps
Input Voltage
12 = 8 Vdc to 14 Vdc
Type of Output
W = Wide
Output Voltage
0.8 Vdc to 3.63 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL30E-12W3V3. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8 Vdc to 3.63 Vdc. When the SIL30E-12W3V3
converter leaves the factory the output has been adjusted to the default
voltage of 0.8 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L3
30
0E
E--1
12
2W
W3
3V
V3
3 S
Se
erriie
es
s
Performance
E = Enhanced Performance
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(2,3)
(MAX.)
(MIN.)
(MAX.)
99 W
8-14 Vdc
0.8-3.63 Vdc
0 A
30 A
93%
±0.2%
±1.5%
SIL30E-12W3V3-VJ
Mounting Option
V = Vertical
N
No
otte
es
s
A
The derating curve represents the condition at which internal components
are within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
SIL30E Series
12 Vin Single Output
Packaging Options
J = Pb-free (RoHS 6/6 compliant) (2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com