Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30E Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL30E
Description  DC-DC CONVERTERS Non-isolated POL Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30E Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL30E Datasheet HTML 1Page - Artesyn Technologies SIL30E Datasheet HTML 2Page - Artesyn Technologies SIL30E Datasheet HTML 3Page - Artesyn Technologies SIL30E Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
Non-isolated POL Converter
1
SIL30E Series
12 Vin Single Output
NEW Product
File Name: sil30e_12.pdf Rev (02): 16 Dec 2005
2 YEAR WARRANTY
All specifications are typical at 12 Vin and 1.5 Vout, full load at 25 °C unless otherwise stated
Cout = 100 µF
SPECIFICATIONS
The SIL30E series are non-isolated dc-dc converters packaged in a single-in-line footprint
giving designers a cost effective solution for conversion from a 12 V source. The SIL30E
has a wide input range (8 Vdc to 14 Vdc) and offers a wide 0.8 Vdc to 3.63 Vdc output
voltage range with a 30 A load, which allows for maximum design flexibility and a pathway
for future upgrades. The SIL30E is designed for applications that include distributed power,
workstations, optical network and wireless applications. Implemented using state of the art
surface-mount technology and automated manufacturing techniques, the SIL30E offers
compact size and efficiencies of up to 93%.
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. EI74104
UL 60950 File No. EI74104
TÜV Product Service (EN60950) Certificate No. B05 06 38572 055
CB report and certificate to IEC60950
• 30 A current rating
• Input voltage range: 8 Vdc to 14 Vdc
• Output voltage range: 0.8 Vdc to 3.63 Vdc
• Ultra high efficiency: 93% @ 12 Vin and 3.3 Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of 4,435,000 hours
per Telcordia SR-332
• Ideal solution where board space is at a premium
or tighter card pitch is required
• Available RoHS compliant
OUTPUT SPECIFICATIONS
Voltage adjustability
0.8-3.63 Vdc
Setpoint accuracy
±1.3% typ.
Line regulation
±0.2% typ.
Load regulation
±1.5% typ.
Total error band
±3.0% typ.
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
5 Hz to 20 MHz
50 mV pk-pk
25 mV rms
Temperature coefficient
±0.01%/ºC
Transient response
Vout = 1.5 V
50% to 75% load step
Slew rate = 0.5 A/µs
3% max. deviation
10 µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
8-14 Vdc
Input current
No load (max.)
250 mA
Input current (max.)
9.2 A max. @ Io max.
and Vout = 3.3 V
Input reflected ripple
220 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
20 ms
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
@ 12 Vin, 3.3 Vout
93% typ.
Insulation voltage
Non-isolated
Switching frequency
Fixed
1.3 MHz typ.
Approvals and
EN60950-1
standards
UL/cUL60950-1
Material flammability
UL94V-0
Dimensions
(LxWxH)
50.84 x 7.80 x 12.70 mm
2.000 x 0.307 x 0.500 inches
Pin length
0.140 in (3.56 mm)
Weight
7.0 g (0.25 oz)
MTBF
Telcordia SR-332
4,435,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery


Similar Part No. - SIL30E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Advanced Energy Industr...
SIL30E ADVANCEDENERGY-SIL30E Datasheet
386Kb / 7P
E-Class Non-Isolated
logo
Emerson Network Power
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SIL30E-12W3V3-VJ ARTESYN-SIL30E-12W3V3-VJ_15 Datasheet
560Kb / 4P
E-Class Non-Isolated
More results

Similar Description - SIL30E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Bel Fuse Inc.
STM48 BEL-STM48 Datasheet
1Mb / 30P
48V-to-PoL isolated DC-DC converters
logo
Bellnix Co.,Ltd.
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSV BELLNIX-BSV Datasheet
585Kb / 12P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H BELLNIX-BSV-H Datasheet
553Kb / 14P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-M BELLNIX-BSV-M Datasheet
678Kb / 13P
High-Speed Response Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com