Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG10 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SWG10
Description  DC/AC single output ring generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG10 Datasheet(HTML) 1 Page - Artesyn Technologies

  SWG10 Datasheet HTML 1Page - Artesyn Technologies SWG10 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWG10 SERIES
DC/AC single output ring generator
[ 2 YEAR WARRANTY ]
• Provides 10VA of ringer output power
• Output voltage may be adjusted from 0V rms to 80V rms
• Amplifies a reference frequency between 15-60Hz
• Meets psophometrically weighted noise per BTR2511
• Conducted emissions performance meets EN55022 level A
• High efficiency 4 quadrant switch mode design
• Low profile suitable for rack mount system
Defined to provide modular and on-card ring generator facilities to telecoms
systems, the SWG10 offers a definable output voltage 0VAC to 80VAC at up to
10VA with the frequency being custom defined for the applications.
Undervoltage lockout and overvoltage protection combine with a high MTBF to
ensure reliable operation. The SWG10 is suited to several telecom applications
including PABX, public switch and fibre-in-the-loop.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 170
OUTPUT SPECIFICATIONS
Nominal voltage
(See Note 8)
70V rms
Voltage accuracy
±3.0%
Output frequency
Depends on reference
15 to 60Hz
sinewave (See Note 1)
Max. output current
(See Note 7)
100mA rms
Peak output current
150ms max.
400mA peak (AC+DC)
Static load regulation
No load to full load
2.5%
Output ripple
Full load
2V pk-pk, typical
Output ripple frequency Full load
280kHz, nominal
Total harmonic distortion
5%, max.
Overvoltage protection
Transient clamp
133-193V pk-pk
Short circuit protection
Not protected
Voltage range adjust
(See Note 3)
0V rms to 80V rms
Output fuse
250V @ 250mA,
(See Note 6)
slow blow
DC offset
<±6V
INPUT SPECIFICATIONS
Input voltage range
48VDC nominal
36 to 72VDC
Input current
235mA nominal
180 to 280mA
Inrush current
Switch 48V
4A peak pulses
at 4ms intervals
Input undervoltage
Lockout threshold
25 to 32VDC
Input fuse
Rated to 250V @ 500mA
(See Note 6)
Slow blow to allow
4A for 3ms
Reference input impedance
30k
INPUT SPECIFICATIONS CONTINUED
Remote ON/OFF
(See Note 4)
Logic compatibility
TTL open collector
Enable output
Open circuit
Disable output
0.4VDC, max.
Remote pin return
Reference to -Vin
INPUT NOISE SPECIFICATIONS
Voiceband
Psophometrically
2mV rms
weighted 25Hz to 5kHz
per BTR2511
Wideband
5kHz to 20MHz
20mV rms
per BTR2511
Narrowband
per BTR2511
72dBµV
Conducted
150kHz to 30MHz
FCC, EN55022-A
GENERAL SPECIFICATIONS
Efficiency (See Note 2)
650
Ω load
65%
Isolation voltage
3 terminal
0V
Switching frequency
Fixed
140kHz, nominal
Case material
Plastic
Material flammability
UL94V-0
Weight
130g (4.6oz)
MTBF
MIL-HDBK-217F
300,000 Hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating,
–25°C to +71°C
no derating (See Note 5)
Non-operating
–55°C to +105°C
Cooling
(See Note 5)


Similar Part No. - SWG10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWG121000 SUNNYWAY-SWG121000 Datasheet
493Kb / 1P
GEL Battery
SWG121200 SUNNYWAY-SWG121200 Datasheet
452Kb / 1P
GEL Battery
SWG121500 SUNNYWAY-SWG121500 Datasheet
480Kb / 1P
GEL Battery
SWG121600 SUNNYWAY-SWG121600 Datasheet
448Kb / 1P
GEL Battery
SWG121800 SUNNYWAY-SWG121800 Datasheet
457Kb / 1P
GEL Battery
More results

Similar Description - SWG10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
Single Line Ring Generator Controller
logo
Artesyn Technologies
SWG30 ARTESYN-SWG30 Datasheet
46Kb / 3P
DC/AC single output ring generator
SWG75 ARTESYN-SWG75 Datasheet
60Kb / 4P
DC/AC single output ring generator
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
7W Single Output AC/DC converter
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
GRN-360 IPDPOWER-GRN-360 Datasheet
341Kb / 2P
GRN-360 SINGLE OUTPUT AC-DC
REV. KKL 10/7/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com