Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG75 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # SWG75
Description  DC/AC single output ring generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG75 Datasheet(HTML) 4 Page - Artesyn Technologies

  SWG75 Datasheet HTML 1Page - Artesyn Technologies SWG75 Datasheet HTML 2Page - Artesyn Technologies SWG75 Datasheet HTML 3Page - Artesyn Technologies SWG75 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
System board
Heatsink
Air flow
direction
Application notes continued
3
For optimal thermal performance conforming to derating curve, the
module should be installed vertically.
Thermal derating curves (nominal input condition)
75W
70W
60W
50W
40W
30W
20W
10W
0W
0°C10°C20°C30°C40°C50°C60°C70°C80°C90°C0°C10°C20°C30°C40°C50°C60°C70°C80°C90°C0°C10°C20°C30°C40°C50°C60°C70°C80°C90°C
0°C10°C20°C30°C40°C50°C60°C70°C80°C90°C0°C10°C20°C30°C40°C50°C60°C70°C80°C90°C0°C10°C20°C30°C40°C50°C60°C70°C80°C90°C
RESISTIVE LOADING
(power factor = 1.0)
FAN COOLING WITH
BUILT-IN HEATSINK
AMBIENT TEMPERATURE (
°C)
80
°C
ab
c
d
75W
70W
60W
50W
40W
30W
20W
10W
0W
RESISTIVE LOADING
(power factor = 1.0)
FREE AIR
CONVECTION
AMBIENT TEMPERATURE (
°C)
75
°C
ab
c
75VA
70VA
60VA
50VA
40VA
30VA
20VA
10VA
0VA
CAPACITIVE LOADING
(power factor = 0.8)
AMBIENT TEMPERATURE (
°C)
80
°C
ab
c
d
75VA
70VA
60VA
50VA
40VA
30VA
20VA
10VA
0VA
CAPACITIVE LOADING
(power factor = 0.5)
AMBIENT TEMPERATURE (
°C)
80
°C
ab
c
d
75VA
70VA
60VA
50VA
40VA
30VA
20VA
10VA
0VA
CAPACITIVE LOADING
(power factor = 0.8)
FREE AIR
CONVECTION
AMBIENT TEMPERATURE (
°C)
75
°C
ab
c
75VA
70VA
60VA
50VA
40VA
30VA
20VA
10VA
0VA
CAPACITIVE LOADING
(power factor = 0.5)
AMBIENT TEMPERATURE (
°C)
75
°C
ab
c
d
d
d
FREE AIR
CONVECTION
FAN COOLING WITH
BUILT-IN HEATSINK
FAN COOLING WITH
BUILT-IN HEATSINK
Fan cooling with built-in heatsink:
a =
Free air convection
b =
75 LFPM
c =
225 LFPM
d =
500 LFPM
Free air convection
a =
Built-in heatsink
b =
Heatsink of 1°C/W
c =
Heatsink of 0.5°C/W
d =
No heatsink
75VA
DC/AC ring generator
TELEPHONE RING GENERATORS
|
75VA DC/AC
PAGE 179
http://www.artesyn.com
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com