Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG75 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SWG75
Description  DC/AC single output ring generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG75 Datasheet(HTML) 1 Page - Artesyn Technologies

  SWG75 Datasheet HTML 1Page - Artesyn Technologies SWG75 Datasheet HTML 2Page - Artesyn Technologies SWG75 Datasheet HTML 3Page - Artesyn Technologies SWG75 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTPUT SPECIFICATIONS
Nominal voltage
75VAC
Voltage accuracy
No load
±3.0V
Load regulation
NL to FL resistive
±2.0%
Line regulation
Low line to high line
±2.0%
Load impedance
Resistive load (See Note 1)
75
Capacitive load (See Note 1)
82 bells
Output frequency
25Hz ±2Hz
Maximum output current
2.2A
Output ripple and noise Switching to 20MHz
5V pk-pk
Output ripple frequency Full load
180kHz, nominal
Total harmonic
Resistive load
5.0% max.
distortion
Output current
1.0A
DC offset
±2V max.
INPUT SPECIFICATIONS
Input voltage range
48VDC nominal
36 to 60VDC
Input current
3A max. @ 36VDC
Input filter
Pi network
Input undervoltage
48VDC input model
34VDC max.
(output clipped)
Reference input
Internal sine-wave
impedance
reference oscillator
Remote ON/OFF
Logic compatibility
(See Note 4)
Opto-isolated
control inputs
Response time
<100ms and start
from positive going
zero crossing
SWG75 SERIES
DC/AC single output ring generator
[ 2 YEAR WARRANTY ]
• Provides 75VA of ringer output power
• Typical efficiency 78%
• Short circuit protection
• Operating temperature up to 70°C
• Internal sine wave reference
• Remote ON/OFF control
• Opto-isolated cadencing ON/OFF control
• Peak output DC biased current capability
• Stand-offs for optional heatsink mounting
The SWG75 ring current generator series of DC/AC inverters offer 75VA of
output power with industry standard footprints and configurations. The design
is specifically tailored for PABX system applications to ensure ease of
implementation in customer applications. These special features include
cadencing output ON/OFF, peak output DC biased current capability at off-hook
transition.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 176
GENERAL SPECIFICATIONS
Efficiency
Resistive load
75% typ.
Isolation voltage
Input/output
500VDC
Input/remote control
500VDC
Isolation resistance
Input/output
1G
Switching frequency
Fixed
90kHz, typical
Case material
Aluminium with plastic
non-conductive base
Material flammability
UL94V-0
Weight
(Including heatsink)
450g (15.8oz)
MTBF
MIL-HDBK-217F
100,000 hours
@ 25°C nominal
input voltage
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating temperature
See curve
(ambient)
Non-operating
–40°C to +85°C
Relative humidity
Non-condensing
10% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms (approx.)


Similar Part No. - SWG75

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SWG7002K SECOS-SWG7002K Datasheet
329Kb / 4P
N-Channel Enhancement MOSFET
More results

Similar Description - SWG75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
Single Line Ring Generator Controller
logo
Artesyn Technologies
SWG10 ARTESYN-SWG10 Datasheet
43Kb / 2P
DC/AC single output ring generator
SWG30 ARTESYN-SWG30 Datasheet
46Kb / 3P
DC/AC single output ring generator
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
7W Single Output AC/DC converter
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
GRN-360 IPDPOWER-GRN-360 Datasheet
341Kb / 2P
GRN-360 SINGLE OUTPUT AC-DC
REV. KKL 10/7/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com