Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG75 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SWG75
Description  DC/AC single output ring generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG75 Datasheet(HTML) 3 Page - Artesyn Technologies

  SWG75 Datasheet HTML 1Page - Artesyn Technologies SWG75 Datasheet HTML 2Page - Artesyn Technologies SWG75 Datasheet HTML 3Page - Artesyn Technologies SWG75 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Vin
Vin
1
1
1 +
(1 + R1/R2 )
2
πfCR1 +
2
πfCR2
2
()
fuse
+48Vin
0V
Vout
Return
0V
R1
R2
C
Resistive / capacitive loading power factor
(See derating curve)
Power Factor =
1
1 +
2
(
)
Power factor =
1
2
πfCR
Vin
Vin
Fuse
0V
-48Vin
Vout
Return
R
C
Capacitive loading power factor
(See derating curve)
0V
(See Note 2 for DC biased current condition)
Vin
Vin
Fuse
+48Vin
0V
Vout
Return
Capacitive loading power factor
(See derating curve)
(See Note 2 for DC biased current condition)
R
C
0V
+48V
-48Vin
Automatic recovery time <2 cycle maximum
Short circuit occurs here
Short circuit removed
Internal sine
wave
reference
Output
PAGE 178
75VA
DC/AC ring generator
75VA DC/AC
|
TELEPHONE RING GENERATORS
Application notes
1
Automatic zero crossing recover after short circuit removed.
2
Examples of DC biased operation.
2.1 Non-biased operation
2.2 Negative DC Biased operation.
2.3 Positive DC biased operation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com