Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG75 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SWG75
Description  DC/AC single output ring generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SWG75 Datasheet(HTML) 2 Page - Artesyn Technologies

  SWG75 Datasheet HTML 1Page - Artesyn Technologies SWG75 Datasheet HTML 2Page - Artesyn Technologies SWG75 Datasheet HTML 3Page - Artesyn Technologies SWG75 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
1
1 bell = 3k
Ω in series 1.2µF, 82 bells = 36Ω in series 98µF.
2
Peak output DC current is the DC biased current flowing through the
output. Maximum duration is 1 second.
3
Metal case (pin 7) should either be tied to +INPUT (pin 4) or -INPUT (pin 3)
directly or through a capacitor (>10nF).
4
Remote pins are inputs of an opto-isolator, with an internal 330
Ω 1/4W
resistor in series.
5
SWG75-48S75C01/P has the same input and output specifications except
the remote control logic is reversed.
ALL DIMENSIONS IN INCHES (mm)
0.375
(9.525)
5.500
(139.700)
BOTTOM
VIEW
4.300
(109.220)
3.500
(88.900)
1.280
(32.512)
0.030
(0.762)
0.220
(5.613)
0.890
(22.606)
0.625
(15.875)
3.000
(76.200)
PIN DIA. TYP.
0.040 (1.016)
Ic
Pin 13
Pin 14
330R 1/4W
T on = 1 cycle max.
T off = 1 cycle max.
Off
On
Internal
sine
wave
reference
Output
Remote
Control
T on
T off
INPUT
OUTPUT
OUTPUT
OUTPUT
PEAK OUTPUT
TYPICAL
MODEL NUMBER (5)
VOLTAGE
VOLTAGE
FREQUENCY
CURRENT (RMS)
DC CURRENT (2)
EFFICIENCY
48VDC
75VAC
25Hz
1A
480mA
78%
SWG75-48S75C01
PROTECTION
Short circuit protection
Indefinite
Short circuit input current
48VDC, 80mA max.
Overvoltage protection
None
Overcurrent protection
2.2A peak bouncing mode
Undervoltage protection
None
75VA
DC/AC ring generator
TELEPHONE RING GENERATORS
|
75VA DC/AC
PAGE 177
http://www.artesyn.com
MODEL
I
C
OUTPUT
SWG75-48S75C01
0mA
ON
10 to 20mA
OFF
SWG75-48S75C01/P (5)
0mA
OFF
10 to 20mA
ON
PIN CONNECTIONS
PIN NUMBER
PIN NAME
FUNCTION
1
No Pin
-----
2
No Connection
No Connection
3
- Input
Negative Input
4
+ Input
Positive Input
5
No Connection
No Connection
6
No Connection
No Connection
7FG (3)
Metal Case
8
No Connection
No Connection
9
Return
Output Common
10
75V
Output
11
No Connection
No Connection
12
No Connection
No Connection
13
- Remote
Remote Return
14
+ Remote
Remote Input
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com