Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3JB00000219 Datasheet(PDF) 26 Page - Panasonic Semiconductor

Part # B3JB00000219
Description  Service Manual
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B3JB00000219 Datasheet(HTML) 26 Page - Panasonic Semiconductor

Back Button B3JB00000219 Datasheet HTML 22Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 23Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 24Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 25Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 26Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 27Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 28Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 29Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 30Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
TH-32A400H TH-32A410H
26
8 Measurements and Adjustments
8.1.
Voltage chart of A-board
Set A-Board to a dummy set and check the satisfaction with the specified voltage as following table.
8.2.
Voltage chart of P-board
Set P-Board to a dummy load and check the satisfaction with the specified voltage as following table.
Power Supply Name
Measurement Point
Specification (V)
Remark
SUB1.2V
TP8004
1.14 - 1.26
-
SUB3.3V
TP8003
3.19 - 3.46
-
SUB5V
TP8002
4.92 - 5.25
-
STB5V
TP8009
5.3 ± 0.3
-
PNL12V
TP4300
11.5 - 12.5
-
Output
Test Point
Specification
Operate
Stby
5.3V
TP7507
5.3 ± 0.3V
5.3 ± 0.3V
16V
TP7512/TP7513
15.8 ± 0.6 V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com