Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3JB00000219 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # B3JB00000219
Description  Service Manual
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B3JB00000219 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button B3JB00000219 Datasheet HTML 3Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 4Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 5Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 6Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 7Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 8Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 9Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 10Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
TH-32A400H TH-32A410H
7
4 Specifications
Power Source
AC 220-240 V, 50/60 Hz
Power consumption
Rated power / Standby power
52 W / 0.30W
Display panel
Panel
LCD panel (LED backlight)
Visible screen size (diagonal)
80 cm
Display resolution
1,366 (W)
 768 (H)
Dimensions (W
 H  D)
TH-32A400H
734 mm
 477 mm  184 mm (With Pedestal)
734 mm
 437 mm  69 mm (TV only)
TH-32A410H
734 mm
 502 mm  184 mm (With Pedestal)
734 mm
 437 mm  69 mm (TV only)
Mass
6.0
Net (With Pedestal)
5.5
Net (TV only)
Connection Terminals
AV1 IN (COMPONENT / VIDEO) VIDEO
RCA PIN Type
 1, 1.0 V[p-p] (75 )
AUDIO L - R
RCA PIN Type
 2, 0.5 V [rms]
Y
1.0 V [p-p] (including synchronisation)
PB, PR
±0.35 V [p-p]
AV2 IN
VIDEO
RCA PIN Type
 1, 1.0 V[p-p] (75 )
AUDIO L - R
RCA PIN Type
 2, 0.5 V [rms]
HDMI 1 / 2 input
TYPE A Connectors
USB
USB 2.0 TYPE A Connectors
DC 5 V, Max. 500 mA
DIGITAL AUDIO OUT
PCM / Dolby Digital / DTS, Fibre optic
AUDIO OUT
AUDIO L - R
RCA PIN Type
 2, 0.5 V [rms]
Sound
Audio output
20 W (10 W + 10 W)
Receiving Systems / Band name
17 SYSTEMS
FUNCTION
1 PAL B, G, H
Reception of broadcast transmissions and
Playback from Video Cassette Tape Recorders
2PAL I
3PAL D, K
4 SECAM B, G
5SECAM D, K
6 SECAM K1
7 NTSC M (NTSC 3.58 / 4.5 MHz)
8 NTSC 4.43 / 5.5 MHz
Playback from Special VCR’s or DVD
9 NTSC 4.43 / 6.0 MHz
10 NTSC 4.43 / 6.5 MHz
11 NTSC 3.58 / 5.5 MHz
12 NTSC 3.58 / 6.0 MHz
13 NTSC 3.58 / 6.5 MHz
14 SECAM I
15 PAL 60 Hz / 5.5 MHz
Playback from Special Disc Players and
Special VCR’s or DVD
16 PAL 60 Hz / 6.0 MHz
17 PAL 60 Hz / 6.5 MHz
GB20600-2006 Mode-C=3780 8 MHz UHF (Hong Kong) free-to-air TV Broadcast reception
Receiving Channels (Analogue TV)
VHF BAND
2 - 12 (PAL / SECAM B, K1)
0 - 12 (PAL B AUST.)
1 - 9 (PAL B N.Z.)
1 - 12 (PAL / SECAM D)
1 - 12 (NTSC M Japan)
2 - 13 (NTSC M USA)
UHF BAND
21 - 69 (PAL G, H, I / SECAM G, K, K1)
28 - 69 (PAL B AUST.)
13 - 57 (PAL D, K)
13 - 62 (NTSC M Japan)
14 - 69 (NTSC M USA)
CATV
S1 - S20 (OSCAR)
1 - 125 (USA CATV)
C13 - C49 (JAPAN)
S21 - S41 (HYPER)
Z1 - Z37 (CHINA)
5A, 9A (AUST.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com