Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3JB00000219 Datasheet(PDF) 27 Page - Panasonic Semiconductor

Part # B3JB00000219
Description  Service Manual
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B3JB00000219 Datasheet(HTML) 27 Page - Panasonic Semiconductor

Back Button B3JB00000219 Datasheet HTML 23Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 24Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 25Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 26Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 27Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 28Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 29Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 30Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 31Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
TH-32A400H TH-32A410H
27
9 Block Diagram
9.1.
Main Block Diagram
Debug
UART
RST
STB5V
24M
1.8/3.3V
RST
PANEL
SP
SP
15V
I2S
HDMI 1
TUNER
HDMI 2 (w/ ARC)
MT5561
DDR2 1G
VIDEO/COMPONENT (automatic detection
)
AUDIO
Silicon Lab
Low IF
SUB3.3V
SPI
64/128Mb
Sub3.3V
EEP_WP
EEPROM
64kbit
SLV[A4]
On-board
USB Slot
High-side
switch
USB (side) JK8601
Audio AMP
I2S AMP
RMT/KEY
LED
32” 10W x 2
39”
10W x 2
LVDS
HD : (DATA 4pairs / CLK 1pair)
single8bit
FHD: (DATA 4pairs / CLK 1pair)
dual8bit
Op Amp
IIC
HK/S/A/US/MEX
On board (Si2157 )
YAMAHA
(same as MT5307project)
VIDEO
AUDIO
AV2(side)
JK3002(Prep)
Audio out JK3000(Prep.)
AV1 JK3100
(HDMI analog audio in)
HDMI1 JK4701
HDMI2 JK4702
CEC
32” 10W x 2
39”
10W x 2
Opt. D3051
Demod.
T2/ISDB/DTMB
TS
FOR US/MEX
Use MT5560
Chile/Peru
CAN Tuner
AV2 – HK/CHINA only
Audio Out –
HK/CHINA only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com