Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3JB00000219 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # B3JB00000219
Description  Service Manual
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B3JB00000219 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button B3JB00000219 Datasheet HTML 5Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 6Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 7Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 8Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 9Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 10Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 11Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 12Page - Panasonic Semiconductor B3JB00000219 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
TH-32A400H TH-32A410H
9
5 Service Mode
5.1.
How to enter into Service Mode
5.1.1.
Purpose
After exchange parts, check and adjust the contents of adjustment mode.
While pressing [VOLUME ( - )] button of the main unit, press [INFO] button of the remote control three times within 2 seconds.
5.1.2.
Key command
[1] button...Main items Selection in forward direction
[2] button...Main items Selection in reverse direction
[3] button...Sub items Selection in forward direction
[4] button...Sub items Selection in reverse direction
[VOL] button...Value of sub items change in forward direction ( + ), in reverse direction ( - )
5.1.3.
How to exit
Switch off the power with the [POWER] button on the main unit or the [POWER] button on the remote control.
5.1.4.
Contents of adjustment mode
• Value is shown as a hexadecimal number.
• Preset value differs depending on models.
• After entering the adjustment mode, take note of the value in each item before starting adjustment.
Main item
Sub item
Sample Data
ADJUST
H POS
H AMP
V POS
V AMP
V COM
WB-ADJ
R-GAIN
8D
G-GAIN
AE
B-GAIN
FF
R-CENT
6C
G-RENT
80
B-CENT
A0
OPTION
Boot upgrade
NO
STBY-SET
00
EMERGENCY
ON
CLK MODE
00
CLOCK
FC7
Y/C DELAY
DYNAMIC
OPT 1
00000000
OPT 2
11100110
OPT 3
00001001
OPT 4
00000000
EDID-CLK
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com