Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW136 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 3Page - Silicon Laboratories AMW136 Datasheet HTML 4Page - Silicon Laboratories AMW136 Datasheet HTML 5Page - Silicon Laboratories AMW136 Datasheet HTML 6Page - Silicon Laboratories AMW136 Datasheet HTML 7Page - Silicon Laboratories AMW136 Datasheet HTML 8Page - Silicon Laboratories AMW136 Datasheet HTML 9Page - Silicon Laboratories AMW136 Datasheet HTML 10Page - Silicon Laboratories AMW136 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Block Diagram
ADS-MWx36-102R • AMWx36 Datasheet
Page |2
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
2 Block Diagram
Figure 1 is a block diagram of the AMWx36 module. The
main components of the module are a microprocessor
and CYW43362 Wi-Fi System-on-Chip (SoC). The
processor and peripherals are driven by a 26MHz
crystal. The integrated real-time clock (RTC) is driven by
a 32.768kHz crystal. An on-board 1MByte serial flash
chip may be used to store user data and configuration,
additional applications, and firmware images as part of
the Zentri secure over the air (OTA) update process.
The WLAN subsystem is controlled by ZentriOS enabling
the module to achieve minimum power consumption
when the Wi-Fi networking interface is not required. A
single PCB antenna is provided to simplify the RF design
requirements.
Figure 1. AMW036 / AMW136 Architecture
VBAT
3v3 MCU
3v3 Wi-Fi
32kHz Out
ADC
PWM
UART
SPI
GPIO
Reset
ARM
Cortex® M4
26MHz
32kHz
1 MByte
Serial Flash
AMW036 / AMW136
CYW43362
Wi-Fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com