Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW136 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 10Page - Silicon Laboratories AMW136 Datasheet HTML 11Page - Silicon Laboratories AMW136 Datasheet HTML 12Page - Silicon Laboratories AMW136 Datasheet HTML 13Page - Silicon Laboratories AMW136 Datasheet HTML 14Page - Silicon Laboratories AMW136 Datasheet HTML 15Page - Silicon Laboratories AMW136 Datasheet HTML 16Page - Silicon Laboratories AMW136 Datasheet HTML 17Page - Silicon Laboratories AMW136 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Design Guidelines
ADS-MWx36-102R • AMWx36 Datasheet
Page |9
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
Notes:
1. I = Input, O = Output, S = Supply
2. Factory reset is sampled at power-on-reset and available for other purposes thereafter.
3. The module Reset pin is connected to the internal MCU via a 1k resistor.
We recommend driving the pin. If the pin is not driven, connect a 0.1uF capacitor to ground close to the pin to
bypass noise which may cause unintended reset.
4. Connected to SPI serial flash inside the module.
6 Design Guidelines
6.1 Dimensions
Figure 3 - AMWx36 Numbat Dimensions
Table 11 - AMWx36 Numbat Dimensions
Symbol
Imperial
(thou)
Tolerance
(thou)
Metric
(mm)
Tolerance
(mm)
A
134
±6
3.40
±0.15
A1
30
±3
0.76
±0.08
A2
104
±6
2.64
±0.15
D
900
±5
22.86
±0.13
D1
600
±5
15.24
±0.13
D2
300
±5
7.62
±0.13
E
800
±5
20.32
±0.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com