Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW136 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 17Page - Silicon Laboratories AMW136 Datasheet HTML 18Page - Silicon Laboratories AMW136 Datasheet HTML 19Page - Silicon Laboratories AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories AMW136 Datasheet HTML 23Page - Silicon Laboratories AMW136 Datasheet HTML 24Page - Silicon Laboratories AMW136 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Regulatory Certification
ADS-MWx36-102R • AMWx36 Datasheet
Page |16
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
User manuals for transmitters equipped with detach-
able antennas shall also contain the following notice in a
conspicuous location:
Immediately
following
the
above
notice,
the
manufacturer shall provide a list of all antenna types
approved for use with the transmitter, indicating the
maximum permissible antenna gain (in dBi) and required
impedance for each.
7.2.2 RF Exposure
This equipment complies with IC radiation exposure
limits set forth for an uncontrolled environment. This
equipment should be installed and operated with a
minimum distance of 20cm between the radiator and
your body.
Cet équipement est conforme aux limites d’exposition
aux rayonnements IC établies pour un environnement
non-contrôlé. Cet équipement doit être installé et utilisé
avec un minimum de 20 cm de distance entre la source
de rayonnement et votre corps.
7.2.3 Further Information
Additional information may be obtained from the
Industry Canada website at http://www.ic.gc.ca
This radio transmitter (identify the device by
certification number, or model number if Category II)
has been approved by Industry Canada to operate
with the antenna types listed below with the
maximum permissible gain and required antenna
impedance for each antenna type indicated. Antenna
types not included in this list, having a gain greater
than the maximum gain indicated for that type, are
strictly prohibited for use with this device.
Le présent émetteur radio (identifier le dispositif par
son numéro de certification ou son numéro de
modèle s'il fait partie du matériel de catégorie I) a été
approuvé par Industrie Canada pour fonctionner
avec les types d'antenne énumérés ci-dessous et
ayant un gain admissible maximal et l'impédance
requise pour chaque type d'antenne. Les types
d'antenne non inclus dans cette liste, ou dont le gain
est supérieur au gain maximal indiqué, sont
strictement
interdits
pour
l'exploitation
de
l'émetteur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com