Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW136 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 15Page - Silicon Laboratories AMW136 Datasheet HTML 16Page - Silicon Laboratories AMW136 Datasheet HTML 17Page - Silicon Laboratories AMW136 Datasheet HTML 18Page - Silicon Laboratories AMW136 Datasheet HTML 19Page - Silicon Laboratories AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories AMW136 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Regulatory Certification
ADS-MWx36-102R • AMWx36 Datasheet
Page |14
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
The user manual for the product should include the
following statement:
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of
Engineering and Technology (OET) Laboratory Division
Knowledge Database (KDB) at the following website:
http://www.fcc.gov
7.1.2 RF Exposure
All transmitters regulated by FCC must comply with RF
exposure requirements. OET Bulletin 65, Evaluating
Compliance with FCC Guidelines for Human Exposure to
Radio Frequency Electromagnetic Fields, provides
assistance in determining whether proposed or existing
transmitting facilities, operations or devices comply with
limits for human exposure to Radio Frequency (RF) fields
adopted by the Federal Communications Commission
(FCC). The bulletin offers guidelines and suggestions for
evaluating compliance.
If appropriate, compliance with exposure guidelines for
mobile and unlicensed devices can be accomplished by
the use of warning labels and by providing users with
information concerning minimum separation distances
from transmitting structures and proper installation of
antennas.
The following statement must be included as a CAUTION
statement in manuals and OEM products to alert users
of FCC RF exposure compliance:
If the AMWx36 module is used in a portable application
(i.e., the antenna is less than 20 cm from persons during
operation), the integrator is responsible for performing
Specific Absorption Rate (SAR) testing in accordance
with FCC rules 2.1091.
7.1.3 Further Information
Additional information regarding FCC certification and
use of the AMWx36 module in the United States is
available from the following sources.
 Federal Communications Commission (FCC)
http://www.fcc.gov
This equipment has been tested and found to com-
ply with the limits for a Class B digital device,
pursuant to part 15 of the FCC Rules. These limits are
designed to provide reasonable protection against
harmful interference in a residential installation. This
equipment generates, uses and can radiate radio
frequency energy and if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However,
there is no guarantee that interference will not occur
in a particular installation. If this equipment does
cause harmful interference to radio or television
reception, which can be determined by turning the
equipment off and on, the user is encouraged to try
to correct the interference by one or more of the
following measures:
 Reorient or relocate the receiving antenna.
 Increase the separation between the
equipment and receiver.
 Connect the equipment into an outlet on a
circuit different from that to which the receiver
is connected.
 Consult the dealer or an experienced radio/TV
technician for help.
To satisfy FCC RF Exposure requirements for mobile
and base station transmission devices, a separation
distance of 20 cm or more should be maintained
between the antenna of this device and persons
during operation. To ensure compliance, operation
at closer than this distance is not recommended.
The antenna(s) used for this transmitter must not
be co-located or operating in conjunction with any
other antenna or transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com