Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LEDXXXFB Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 41Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 42Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 43Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 44Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 45Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 46Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 47Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 48Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
45 of 200
Jun 30, 2020
Notes 2.
Only the constant-period interrupt function when the low-speed on-chip oscillator clock (fIL) is selected
3.
The number of PWM outputs varies depending on the setting of channels in use (the number of masters and
slaves) (see 6.9.3 Operation as multiple PWM output function in the RL78/G13 User’s Manual).
4.
When setting to PIOR = 1
(2/2)
Item
20-pin
24-pin
25-pin
30-pin
32-pin
36-pin
Clock output/buzzer output
–
1
1
2
2
2
● 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz
(Main system clock: fMAIN = 20 MHz operation)
8/10-bit resolution A/D converter
6 channels
6 channels
6 channels
8 channels
8 channels
8 channels
Serial interface
[20-pin, 24-pin, 25-pin products]
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
[30-pin, 32-pin products]
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 1 channel/simplified I2C: 1 channel/UART (UART supporting LIN-bus): 1 channel
[36-pin products]
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
● CSI: 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-bus): 1 channel
I2C bus
–
1 channel
1 channel
1 channel
1 channel
1 channel
Multiplier and divider/multiply-
accumulator
● 16 bits × 16 bits = 32 bits (Unsigned or signed)
● 32 bits ÷ 32 bits = 32 bits (Unsigned)
● 16 bits × 16 bits + 32 bits = 32 bits (Unsigned or signed)
DMA controller
2 channels
Vectored interrupt
sources
Internal
23
24
24
27
27
27
External
3
5
5
6
6
6
Key interrupt
–
Reset
● Reset by RESET pin
● Internal reset by watchdog timer
● Internal reset by power-on-reset
● Internal reset by voltage detector
● Internal reset by illegal instruction execution Note
● Internal reset by RAM parity error
● Internal reset by illegal-memory access
Power-on-reset circuit
● Power-on-reset:
1.51 V (TYP.)
● Power-down-reset: 1.50 V (TYP.)
Voltage detector
● Rising edge :
1.67 V to 4.06 V (14 stages)
● Falling edge :
1.63 V to 3.98 V (14 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 1.6 to 5.5 V (TA = -40 to +85°C)
VDD = 2.4 to 5.5 V (TA = -40 to +105°C)
Operating ambient temperature
TA = 40 to +85°C (A: Consumer applications, D: Industrial applications )
TA = 40 to +105°C (G: Industrial applications)
Note
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not issued by emulation with the in-circuit emulator or on-chip debug
emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com