Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LEDXXXFB Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 61Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 62Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 63Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 64Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 65Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 66Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 67Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 68Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
65 of 200
Jun 30, 2020
(2) Flash ROM: 96 to 256 KB of 30- to 100-pin products
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/2)
(Notes and Remarks are listed on the next page.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD2
Note 2
HALT
mode
HS (high-
speed main)
mode Note 7
fIH = 32 MHz Note 4
VDD = 5.0 V
0.62
1.86
mA
VDD = 3.0 V
0.62
1.86
mA
fIH = 24 MHz Note 4
VDD = 5.0 V
0.50
1.45
mA
VDD = 3.0 V
0.50
1.45
mA
fIH = 16 MHz Note 4
VDD = 5.0 V
0.44
1.11
mA
VDD = 3.0 V
0.44
1.11
mA
LS (low-speed
main) mode
Note 7
fIH = 8 MHz Note 4
VDD = 3.0 V
290
620
µA
VDD = 2.0 V
290
620
µA
LV (low-
voltage main)
mode Note 7
fIH = 4 MHz Note 4
VDD = 3.0 V
440
680
µA
VDD = 2.0 V
440
680
µA
HS (high-
speed main)
mode Note 7
fMX = 20 MHzNote 3,
VDD = 5.0 V
Square wave input
0.31
1.08
mA
Resonator connection
0.48
1.28
mA
fMX = 20 MHzNote 3,
VDD = 3.0 V
Square wave input
0.31
1.08
mA
Resonator connection
0.48
1.28
mA
fMX = 10 MHzNote 3,
VDD = 5.0 V
Square wave input
0.21
0.63
mA
Resonator connection
0.28
0.71
mA
fMX = 10 MHzNote 3,
VDD = 3.0 V
Square wave input
0.21
0.63
mA
Resonator connection
0.28
0.71
mA
LS (low-speed
main) mode
Note 7
fMX = 8 MHzNote 3,
VDD = 3.0 V
Square wave input
110
360
µA
Resonator connection
160
420
µA
fMX = 8 MHzNote 3,
VDD = 2.0 V
Square wave input
110
360
µA
Resonator connection
160
420
µA
Subsystem
clock
operation
fSUB = 32.768 kHzNote 5
TA = –40°C
Square wave input
0.28
0.61
µA
Resonator connection
0.47
0.80
µA
fSUB = 32.768 kHzNote 5
TA = +25°C
Square wave input
0.34
0.61
µA
Resonator connection
0.53
0.80
µA
fSUB = 32.768 kHzNote 5
TA = +50°C
Square wave input
0.41
2.30
µA
Resonator connection
0.60
2.49
µA
fSUB = 32.768 kHzNote 5
TA = +70°C
Square wave input
0.64
4.03
µA
Resonator connection
0.83
4.22
µA
fSUB = 32.768 kHzNote 5
TA = +85°C
Square wave input
1.09
8.04
µA
Resonator connection
1.28
8.23
µA
IDD3Note 6
STOP
modeNote 8
TA = –40°C
0.19
0.52
µA
TA = +25°C
0.25
0.52
µA
TA = +50°C
0.32
2.21
µA
TA = +70°C
0.55
3.94
µA
TA = +85°C
1.00
7.95
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com