Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LEDXXXFB Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 69Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 70Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 71Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 72Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 73Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 74Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 75Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 76Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
73 of 200
Jun 30, 2020
2.4 AC Characteristics
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
Main system
clock (fMAIN)
operation
HS (high-speed
main) mode
2.7 V
≤ VDD ≤ 5.5 V
0.03125
1
µs
2.4 V
≤ VDD < 2.7 V
0.0625
1
µs
LS (low-speed
main) mode
1.8 V
≤ VDD ≤ 5.5 V
0.125
1
µs
LV (low-voltage
main) mode
1.6 V
≤ VDD ≤ 5.5 V
0.25
1
µs
Subsystem clock (fSUB)
operation
1.8 V
≤ VDD ≤ 5.5 V
28.5
30.5
31.3
µs
In the self
programming
mode
HS (high-speed
main) mode
2.7 V
≤ VDD ≤ 5.5 V
0.03125
1
µs
2.4 V
≤ VDD < 2.7 V
0.0625
1
µs
LS (low-speed
main) mode
1.8 V
≤ VDD ≤ 5.5 V
0.125
1
µs
LV (low-voltage
main) mode
1.8 V
≤ VDD ≤ 5.5 V
0.25
1
µs
External system clock frequency
fEX
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
MHz
1.8 V
≤ VDD < 2.4 V
1.0
8.0
MHz
1.6 V
≤ VDD < 1.8 V
1.0
4.0
MHz
fEXS
32
35
kHz
External system clock input high-
level width, low-level width
tEXH, tEXL
2.7 V
≤ VDD ≤ 5.5 V
24
ns
2.4 V
≤ VDD < 2.7 V
30
ns
1.8 V
≤ VDD < 2.4 V
60
ns
1.6 V
≤ VDD < 1.8 V
120
ns
tEXHS, tEXLS
13.7
µs
TI00 to TI07, TI10 to TI17 input
high-level width, low-level width
tTIH,
tTIL
1/fMCK+10
nsNote
TO00 to TO07, TO10 to TO17
output frequency
fTO
HS (high-speed
main) mode
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
1.8 V
≤ EVDD0 < 2.7 V
4
MHz
1.6 V
≤ EVDD0 < 1.8 V
2
MHz
LS (low-speed
main) mode
1.8 V
≤ EVDD0 ≤ 5.5 V
4
MHz
1.6 V
≤ EVDD0 < 1.8 V
2
MHz
LV (low-voltage
main) mode
1.6 V
≤ EVDD0 ≤ 5.5 V
2
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
HS (high-speed
main) mode
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
1.8 V
≤ EVDD0 < 2.7 V
4
MHz
1.6 V
≤ EVDD0 < 1.8 V
2
MHz
LS (low-speed
main) mode
1.8 V
≤ EVDD0 ≤ 5.5 V
4
MHz
1.6 V
≤ EVDD0 < 1.8 V
2
MHz
LV (low-voltage
main) mode
1.8 V
≤ EVDD0 ≤ 5.5 V
4
MHz
1.6 V
≤ EVDD0 < 1.8 V
2
MHz
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP0
1.6 V
≤ VDD ≤ 5.5 V
1
µs
INTP1 to INTP11
1.6 V
≤ EVDD0 ≤ 5.5 V
1
µs
Key interrupt input low-level width tKR
KR0 to KR7
1.8 V
≤ EVDD0 ≤ 5.5 V
250
ns
1.6 V
≤ EVDD0 < 1.8 V
1
µs
RESET low-level width
tRSL
10
µs
(Note and Remark are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com