Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LEDXXXFB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 3Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 4Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 5Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 6Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 7Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 8Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 9Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 10Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
7 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(4/8)
Pin
count
Package
Data flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
48
pins
48-pin
plastic
LFQFP
(7
× 7 mm,
0.5-mm
pitch)
Mounted A
R5F100GAAFB, R5F100GCAFB, R5F100GDAFB,
R5F100GEAFB, R5F100GFAFB, R5F100GGAFB,
R5F100GHAFB, R5F100GJAFB, R5F100GKAFB,
R5F100GLAFB
#V0, #X0
PLQP0048KF-A
#10, #30, #50
PLQP0048KB-B
D
R5F100GADFB, R5F100GCDFB, R5F100GDDFB,
R5F100GEDFB, R5F100GFDFB, R5F100GGDFB,
R5F100GHDFB, R5F100GJDFB, R5F100GKDFB,
R5F100GLDFB
#V0, #X0
PLQP0048KF-A
#10, #30, #50
PLQP0048KB-B
G
R5F100GAGFB, R5F100GCGFB, R5F100GDGFB,
R5F100GEGFB, R5F100GFGFB, R5F100GGGFB,
R5F100GHGFB, R5F100GJGFB
#V0, #X0
PLQP0048KF-A
#10, #30, #50
PLQP0048KB-B
Not
mounted
A
R5F101GAAFB, R5F101GCAFB, R5F101GDAFB,
R5F101GEAFB, R5F101GFAFB, R5F101GGAFB,
R5F101GHAFB, R5F101GJAFB, R5F101GKAFB,
R5F101GLAFB
#V0, #X0
PLQP0048KF-A
#10, #30, #50
PLQP0048KB-B
D
R5F101GADFB, R5F101GCDFB, R5F101GDDFB,
R5F101GEDFB, R5F101GFDFB, R5F101GGDFB,
R5F101GHDFB, R5F101GJDFB, R5F101GKDFB,
R5F101GLDFB
#V0, #X0
PLQP0048KF-A
#10, #30, #50
PLQP0048KB-B
48-pin
plastic
HWQFN
(7
× 7 mm,
0.5-mm
pitch)
Mounted A
R5F100GAANA, R5F100GCANA, R5F100GDANA,
R5F100GEANA, R5F100GFANA, R5F100GGANA,
R5F100GHANA, R5F100GJANA, R5F100GKANA,
R5F100GLANA
#U0, #W0
PWQN0048KB-A
#00, #20, #40
PWQN0048KE-A
D
R5F100GADNA, R5F100GCDNA, R5F100GDDNA,
R5F100GEDNA, R5F100GFDNA, R5F100GGDNA,
R5F100GHDNA, R5F100GJDNA, R5F100GKDNA,
R5F100GLDNA
#U0, #W0
PWQN0048KB-A
R5F100GKDNA, R5F100GLDNA
#00, #20, #40
PWQN0048KE-A
G
R5F100GAGNA, R5F100GCGNA, R5F100GDGNA,
R5F100GEGNA, R5F100GFGNA, R5F100GGGNA,
R5F100GHGNA, R5F100GJGNA
#U0, #W0
PWQN0048KB-A
#00, #20, #40
PWQN0048KE-A
Not
mounted
A
R5F101GAANA, R5F101GCANA, R5F101GDANA,
R5F101GEANA, R5F101GFANA, R5F101GGANA,
R5F101GHANA, R5F101GJANA, R5F101GKANA,
R5F101GLANA
#U0, #W0
PWQN0048KB-A
#00, #20, #40
PWQN0048KE-A
D
R5F101GADNA, R5F101GCDNA, R5F101GDDNA,
R5F101GEDNA, R5F101GFDNA, R5F101GGDNA,
R5F101GHDNA, R5F101GJDNA, R5F101GKDNA,
R5F101GLDNA
#U0, #W0
PWQN0048KB-A
R5F101GKDNA, R5F101GLDNA
#00, #20, #40
PWQN0048KE-A
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com