Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LEDXXXFB Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 100Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 101Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 102Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 103Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 104Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 105Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 106Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 107Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
104 of 200
Jun 30, 2020
Simplified I2C mode connection diagram (during communication at different potential)
SDAr
SCLr
SDA
SCL
User device
Vb
Rb
Vb
Rb
RL78
microcontroller
Simplified I2C mode serial transfer timing (during communication at different potential)
SDAr
tLOW
tHIGH
tHD:DAT
SCLr
tSU:DAT
1/fSCL
Remarks 1. Rb[
Ω]:Communication line (SDAr, SCLr) pull-up resistance, Cb[F]: Communication line (SDAr, SCLr) load
capacitance, Vb[V]: Communication line voltage
2. r: IIC number (r = 00, 01, 10, 20, 30, 31), g: PIM, POM number (g = 0, 1, 4, 5, 8, 14)
3. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 01, 02, 10, 12, 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com