Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XGP Datasheet(PDF) 10 Page - Analog Devices

Part # REF19XGP
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XGP Datasheet(HTML) 10 Page - Analog Devices

Back Button REF19XGP Datasheet HTML 6Page - Analog Devices REF19XGP Datasheet HTML 7Page - Analog Devices REF19XGP Datasheet HTML 8Page - Analog Devices REF19XGP Datasheet HTML 9Page - Analog Devices REF19XGP Datasheet HTML 10Page - Analog Devices REF19XGP Datasheet HTML 11Page - Analog Devices REF19XGP Datasheet HTML 12Page - Analog Devices REF19XGP Datasheet HTML 13Page - Analog Devices REF19XGP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. E
–10–
REF19x Series
REF195–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
1, 2
E Grade
TCVO/
°CI
OUT = 0 mA
2
ppm/
°C
F Grade
5
ppm/
°C
G Grade
3
10
ppm/
°C
LINE REGULATION
4
E Grade
VO / VIN
5.20 V
≤ V
S
≤ 15 V, I
OUT = 0 mA
5
ppm/V
F and G Grades
10
ppm/V
LOAD REGULATION
4
E Grade
VO / VLOAD
VS = 6.45 V, 0 mA
≤ IOUT ≤ 20 mA
5
ppm/mA
F and G Grades
10
ppm/mA
DROPOUT VOLTAGE
VS – VO
VS = 5.60 V, ILOAD = 10 mA
0.60
V
VS = 6.45 V, ILOAD = 20 mA
1.45
V
NOTES
1For proper operation, a 1
µF capacitor is required between the output pin and the GND pin of the device.
2TCV
O is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/
°C.
TCVO =(VMAX –VMIN)/ VO(TMAX –TMIN).
3Guaranteed by characterization.
4Line and load regulation specifications include the effect of self-heating.
Specifications subject to change without notice.
REF196–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INITIAL ACCURACY
1
G Grade
VO
IOUT = 0 mA
3.290
3.3
3.310
V
LINE REGULATION
2
G Grades
VO / VIN
3.50 V
≤ VS ≤ 15 V, IOUT = 0 mA
4
8
ppm/V
LOAD REGULATION
2
G Grade
VO / VLOAD
VS = 5.0 V, 0 mA
≤ I
OUT
≤ 30 mA
6
15
ppm/mA
DROPOUT VOLTAGE
VS – VO
VS = 4.1 V, ILOAD = 10 mA
0.80
V
VS = 4.3 V, ILOAD = 30 mA
1.00
V
LONG-TERM STABILITY
3
DVO
1000 Hours @ 125
°C
1.2
mV
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
33
µV p-p
NOTES
1Initial accuracy includes temperature hysteresis effect.
2Line and load regulation specifications include the effect of self-heating.
3Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at 125
°C, with an LTPD of 1.3.
Specifications subject to change without notice.
(@ VS = 5.20 V, –40 C
≤ TA ≤ +125 C, unless otherwise noted.)
(@ VS = 3.5 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com