Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XGP Datasheet(PDF) 15 Page - Analog Devices

Part # REF19XGP
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XGP Datasheet(HTML) 15 Page - Analog Devices

Back Button REF19XGP Datasheet HTML 11Page - Analog Devices REF19XGP Datasheet HTML 12Page - Analog Devices REF19XGP Datasheet HTML 13Page - Analog Devices REF19XGP Datasheet HTML 14Page - Analog Devices REF19XGP Datasheet HTML 15Page - Analog Devices REF19XGP Datasheet HTML 16Page - Analog Devices REF19XGP Datasheet HTML 17Page - Analog Devices REF19XGP Datasheet HTML 18Page - Analog Devices REF19XGP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. E
Typical Performance Characteristics–REF19x Series
–15–
5.004
4.996
100
4.998
4.997
–25
–50
5.000
4.999
5.001
5.002
5.003
75
50
25
0
TEMPERATURE – C
3 TYPICAL PARTS
5.15V < VIN < 15V
TPC 1. REF195 Output Voltage vs. Temperature
32
0
30
8
4
5
0
16
12
20
24
28
25
20
15
10
ILOAD – mA
–40 C
+25 C
5.15V
VS
15V
+85 C
TPC 2. REF195 Load Regulation vs. ILOAD
20
0
16
12
4
6
8
4
16
14
12
10
8
VIN – V
+85 C
+25 C
–40 C
0mA
IOUT < 25mA
TPC 3. REF195 Line Regulation vs. VIN
50
0
20
15
5
–15
10
–20
30
20
25
35
40
45
15
10
5
0
–5
–10
TC – VOUT – ppm/ C
–40 C
TA
+85 C
BASED ON 600
UNITS, 4 RUNS
TPC 4. TC – VOUT Distribution
40
0
100
10
5
–25
–50
20
15
25
30
35
75
50
25
0
TEMPERATURE – C
NORMAL MODE
SLEEP MODE
TPC 5. Quiescent Current vs. Temperature
–6
0
100
–3
–1
–25
–2
–50
–5
–4
75
50
25
0
TEMPERATURE – C
VL
VH
TPC 6.
SLEEP Pin Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com