Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XGP Datasheet(PDF) 16 Page - Analog Devices

Part # REF19XGP
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XGP Datasheet(HTML) 16 Page - Analog Devices

Back Button REF19XGP Datasheet HTML 12Page - Analog Devices REF19XGP Datasheet HTML 13Page - Analog Devices REF19XGP Datasheet HTML 14Page - Analog Devices REF19XGP Datasheet HTML 15Page - Analog Devices REF19XGP Datasheet HTML 16Page - Analog Devices REF19XGP Datasheet HTML 17Page - Analog Devices REF19XGP Datasheet HTML 18Page - Analog Devices REF19XGP Datasheet HTML 19Page - Analog Devices REF19XGP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. E
–16–
REF19x Series
10
100
1M
100k
10k
1k
–60
–40
–20
0
–120
–100
–80
FREQUENCY – Hz
TPC 7a. Ripple Rejection vs. Frequency
REF19x
6
4
2
1k
REF
10 F
VIN = +15V
OUTPUT
1k
10 F
1 F
10 F
TPC 7b. Ripple Rejection vs. Frequency
Measurement Circuit
0
10
100
10M
1M
100k
10k
1k
1
2
3
4
FREQUENCY – Hz
VG = 2V p-p
VS = 4V
VIN = 7V
REF19x
6
4
2
200V
1 F
Z
1 F
TPC 8. Output Impedance vs. Frequency
100 s
20mV
5V
10
0%
90
ON
OFF
100
TPC 9a. Load Transient Response
VIN = 15V
0
10mA
6
REF19x
2
4
1 F
TPC 9b. Load Transient Response Measurement Circuit
10
100
0%
90
2V
2V
1mA
LOAD
30mA
LOAD
100 s
TPC 10a. Power ON Response Time
VIN = 7V
REF19x
2
4
6
1 F
TPC 10b. Power ON Response Time Measurement Circuit
10
100
0%
90
1V
2ms
5V
ON
OFF
VOUT
IL = 1mA
IL = 10mA
TPC 11a.
SLEEP Response Time
VIN = 15V
REF19x
VOUT
6
2
4
3
1 F
TPC 11b.
SLEEP Response Time Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com