Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XGP Datasheet(PDF) 18 Page - Analog Devices

Part # REF19XGP
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XGP Datasheet(HTML) 18 Page - Analog Devices

Back Button REF19XGP Datasheet HTML 14Page - Analog Devices REF19XGP Datasheet HTML 15Page - Analog Devices REF19XGP Datasheet HTML 16Page - Analog Devices REF19XGP Datasheet HTML 17Page - Analog Devices REF19XGP Datasheet HTML 18Page - Analog Devices REF19XGP Datasheet HTML 19Page - Analog Devices REF19XGP Datasheet HTML 20Page - Analog Devices REF19XGP Datasheet HTML 21Page - Analog Devices REF19XGP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. E
–18–
REF19x Series
Membrane Switch Controlled Power Supply
With output load currents in the tens of mA, the REF19x family
of references can operate as a low dropout power supply in hand-
held instrument applications. In the circuit shown in Figure 3,
amembrane ON/OFF switch is used to control the operation of
the reference. During an initial power-on condition, the
SLEEP
pin is held to GND by the 10 k
Ω resistor. Recall that this condition
disables (read: three-state) the REF19x output. When the mem-
brane ON switch is pressed, the
SLEEP pin is momentarily pulled to
VIN, enabling the REF19x output. At this point, current through
the 10 k
Ω is reduced and the internal current source connected
to the
SLEEP pin takes control. Pin 3 assumes and remains at the
same potential as VIN. When the membrane OFF switch is pressed,
the
SLEEP pin is momentarily connected to GND, which once
again disables the REF19x output.
NC
NC
VIN
1
2
3
4
8
7
6
5
NC
NC
OUTPUT
ON
OFF
10k
1k
5%
REF19x
1 F
TANT
NC = NO CONNECT
Figure 3. Membrane Switch Controlled Power Supply
Current-Boosted References with Current Limiting
While the 30 mA rated output current of the REF19x series is
higher than typical of other reference ICs, it can be boosted to
higher levels if desired with the addition of a simple external
PNP transistor, as shown in Figure 4. Full time current limiting
is used for protection of the pass transistor against shorts.
U1
REF196
(SEE TABLE)
R4
2
R1
1k
R2
1.5k
Q2
2N3906
C2
100 F/25V
D1
1N4148
(SEE TEXT
ON
SLEEP)
R3
1.82k
C1
10 F/25V
(TANTALUM)
S
F
C3
0.1 F
F
S
R1
Q1
TIP32A
(SEE TEXT)
+VS = 6V TO 9V
(SEE TEXT)
VS
COMMON
VC
VOUT
COMMON
OUTPUT TABLE
U1
REF192
REF193
REF196
REF194
REF195
VOUT (V)
2.5
3.0
3.3
4.5
5.0
+VOUT
3.3V
@ 150mA
Figure 4. A Boosted 3.3 V Reference with Current Limiting
In this circuit, the power supply current of reference U1 flowing
through R1–R2 develops a base drive for Q1, whose collector
provides the bulk of the output current. With a typical gain of
100 in Q1 for 100 mA to 200 mA loads, U1 is never required to
furnish more than a few mA, so this factor minimizes temperature
related drift. Short circuit protection is provided by Q2, which
clamps drive to Q1 at about 300 mA of load current with values
as shown. With this separation of control and power functions,
dc stability is optimum, allowing best advantage use of premium
grade REF19x devices for U1. Of course, load management
should still be exercised. A short, heavy, low DCR (dc resistance)
conductor should be used from U1–6 to the VOUT sense point
“S,” where the collector of Q1 connects to the load, point “F.”
Because of the current limiting configuration, the dropout voltage
circuit is raised about 1.1 V over that of the REF19x devices, due
to the VBE of Q1 and the drop across current sense resistor R4.
However, overall dropout is typically still low enough to allow
operation of a 5 V to 3.3 V regulator/reference using the REF196
for U1 as noted, with a VS as low as 4.5 V and a load current
of 150 mA.
The requirement for a heat sink on Q1 depends on the maximum
input voltage and short circuit current. With VS = 5 V and a
300 mA current limit, the worst case dissipation of Q1 is 1.5 W,
less than the TO-220 package 2 W limit. However, if smaller
TO-39 or TO-5 packaged devices such as the 2N4033 are used,
the current limit should be reduced to keep maximum dissi-
pation below the package rating. This is accomplished by simply
raising R4.
A tantalum output capacitor is used at C1 for its low ESR
(Equivalent Series Resistance), and the higher value is required
for stability. Capacitor C2 provides input bypassing and can be
an ordinary electrolytic.
Shutdown control of the booster stage is shown as an option,
and when used some cautions are in order. Because of the addi-
tional active devices in the VS line to U1, direct drive to Pin 3
does not work as with an unbuffered REF19x device. To enable
shutdown control, the connection to U1-2 is broken at the “X,”
and diode D1 then allows a CMOS control source VC to drive
U1-3 for ON-OFF operation. Startup from shutdown is not as
clean under heavy load as it is in basic REF19x series and can
require several milliseconds under load. Nevertheless, it is still
effective and can fully control 150 mA loads. When shutdown
control is used, heavy capacitive loads should be minimized.
A Negative Precision Reference without Precision Resistors
In many current-output CMOS DAC applications where the
output signal voltage must be of the same polarity as the reference
voltage, it is often required to reconfigure a current-switching DAC
into a voltage-switching DAC through the use of a 1.25 V reference,
an op amp, and a pair of resistors. Using a current-switching
DAC directly requires an additional operational amplifier at the
output to reinvert the signal. A negative voltage reference is then
desirable from the point that an additional operational amplifier
is not required for either reinversion (current-switching mode) or
amplification (voltage switching mode) of the DAC output voltage.
In general, any positive voltage reference can be converted into
a negative voltage reference through the use of an operational
amplifier and a pair of matched resistors in an inverting configura-
tion. The disadvantage to that approach is that the largest single
source of error in the circuit is the relative matching of the
resistors used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com