Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 1 Page - Analog Devices

Part # DFE201612E-R33M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R33M Datasheet(HTML) 1 Page - Analog Devices

  DFE201612E-R33M Datasheet HTML 1Page - Analog Devices DFE201612E-R33M Datasheet HTML 2Page - Analog Devices DFE201612E-R33M Datasheet HTML 3Page - Analog Devices DFE201612E-R33M Datasheet HTML 4Page - Analog Devices DFE201612E-R33M Datasheet HTML 5Page - Analog Devices DFE201612E-R33M Datasheet HTML 6Page - Analog Devices DFE201612E-R33M Datasheet HTML 7Page - Analog Devices DFE201612E-R33M Datasheet HTML 8Page - Analog Devices DFE201612E-R33M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Click here to ask an associate for production status of specific part numbers.
MAX18000
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
19-101651; Rev 0; 2/23
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The MAX18000 is a nanoPower boost converter with an
input voltage range of 0.5V to 5.5V (VOUT > VIN + 0.2V)
and a switching current limit of 3.6A. It features an ultra-
low quiescent current of 512nA which makes it ideal for
battery-powered applications requiring a long standby
time. The IC operates in nanoPower mode at low loads
and transitions into skip and CCM modes of operation at
higher load currents to ensure high efficiency over a
wide current range.
The output voltage can be varied between 2.5V and 5.5V
using a single RSEL resistor.
The IC features a True Shutdown™ mode, which
disconnects VIN and VOUT when the EN pin is pulled
low. It also features short-circuit protection circuitry that
limits the current to 700mA when VOUT < 0.5V and
automatically restarts the part when the fault is removed.
The thermal-shutdown protection disables the part when
the junction temperature crosses +165°C (typ).
The IC is available in 1.07mm x 1.57mm, 6-bump wafer-
level package (WLP).
Benefits and Features
• 0.5V to 5.5V Input Voltage (VOUT > VIN + 0.2V)
• 1.8V Minimum Start-Up Voltage
• 2.5V to 5.5V (In 100mV Steps) Output Voltage
• 3.6A Cycle-by-Cycle Inductor Current Limit
• 512nA IQ Supply Current into the Output
• True-Shutdown Mode
- 7nA Shutdown Current
- Output Disconnects from Input with no
Forward or Reverse Current
• Output Short-Circuit Protection
• Thermal-Shutdown Protection
• 95% Peak Efficiency with 90% or Higher
Efficiency for Load > 20µA
• 1.07mm x 1.57mm, 0.5mm Pitch 6-Bump WLP
• -40°C to +125°C Operating Temperature Range
Key Applications
• Wearable Applications
• IoT Applications
• Battery-Powered Applications
• Portable Devices
• Metering Applications
Ordering Information appears at end of data sheet.
Simplified Application Diagram
RSEL
OUT
RSEL
IN
LX
EN
GND
0.5V TO 5.5V
DC SOURCE
VOUT
2.5V TO 5.5V
MAX18000
LOW (OFF)
HIGH (ON)
L
CIN
10V, X5R,
0603, 22µF
COUT
10V, X5R,
0603, 2 x 22µF
6.35mm
RSEL
0402
CIN
0603


Similar Part No. - DFE201612E-R33M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612E-R33M TOKO-DFE201612E-R33M Datasheet
226Kb / 1P
0.24~4.7?쵩
DFE201612E-R33M TOKO-DFE201612E-R33M Datasheet
226Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201612E-R33M MURATA-DFE201612E-R33M Datasheet
982Kb / 2P
Inductor
DFE201612E-R33M MURATA-DFE201612E-R33M Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
logo
Kinetic Technologies.
DFE201612E-R33M KINETIC-DFE201612E-R33M Datasheet
1Mb / 25P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results

Similar Description - DFE201612E-R33M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
MAX38647B AD-MAX38647B Datasheet
1Mb / 16P
Tiny, 1.8V to 5.5V Input, 440nA IQ, 175mA nanoPower Buck Converter with Four-Level VSEL
19-101607; Rev 0; 1/23
MAX38640 AD-MAX38640 Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com