Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 2 Page - Analog Devices

Part # DFE201612E-R33M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R33M Datasheet(HTML) 2 Page - Analog Devices

  DFE201612E-R33M Datasheet HTML 1Page - Analog Devices DFE201612E-R33M Datasheet HTML 2Page - Analog Devices DFE201612E-R33M Datasheet HTML 3Page - Analog Devices DFE201612E-R33M Datasheet HTML 4Page - Analog Devices DFE201612E-R33M Datasheet HTML 5Page - Analog Devices DFE201612E-R33M Datasheet HTML 6Page - Analog Devices DFE201612E-R33M Datasheet HTML 7Page - Analog Devices DFE201612E-R33M Datasheet HTML 8Page - Analog Devices DFE201612E-R33M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 2
Absolute Maximum Ratings
IN, EN, OUT, RSEL to GND..................................-0.3V to +6V
PGND to GND ...................................................-0.3V to +0.3V
LX RMS current...................................-2.4ARMS to +2.4ARMS
LX to GND (Note 1) ................................ -0.3V to VOUT + 0.3V
Output Short Circuit Duration..................................Continuous
Continuous
Power Dissipation
(TA = +70°C (derate
12.34mW/°C above +70°C))........................................ 980mW
Operating Temperature Range ...................... -40°C to +125°C
Maximum Junction Temperature.................................. +150°C
Storage Temperature Range ......................... -65°C to +150°C
Lead Temperature (soldering, 10s) .............................. +300°C
Soldering Temperature (reflow).................................... +260°C
Note 1: LX pin has internal clamps to GND and OUT. These diodes may be forward biased during switching transitions. During
these transitions, the max LX current should be within the Max RMS Current rating for safe operation.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com