Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 15 Page - Analog Devices

Part # DFE201612E-R33M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R33M Datasheet(HTML) 15 Page - Analog Devices

Back Button DFE201612E-R33M Datasheet HTML 9Page - Analog Devices DFE201612E-R33M Datasheet HTML 10Page - Analog Devices DFE201612E-R33M Datasheet HTML 11Page - Analog Devices DFE201612E-R33M Datasheet HTML 12Page - Analog Devices DFE201612E-R33M Datasheet HTML 13Page - Analog Devices DFE201612E-R33M Datasheet HTML 14Page - Analog Devices DFE201612E-R33M Datasheet HTML 15Page - Analog Devices DFE201612E-R33M Datasheet HTML 16Page - Analog Devices DFE201612E-R33M Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 15
Input Capacitor Selection
or most applications, bypass the I pin with a 10 22μ nominal ceramic input capacitors (CIN) that maintain 5μ or
higher effective capacitance at its working voltage. Effective CIN is the actual capacitance value seen from the converter
input during operation. Larger values improve decoupling for the converter but increase the inrush current from the voltage
supply when connected. CIN reduces the current peaks drawn from the input power source and reduces switching noise
in the system. The ESR/ESL of CIN and its series C trace should be very low (i.e., < 15mΩ + < 2nH) for frequencies
up to the converter's switching frequency.
Pay special attention to the capacitor's voltage rating, initial tolerance, variation with temperature, and DC bias
characteristic when selecting the CIN. Ceramic capacitors with X7R dielectrics are highly recommended due to their small
size, low ESR, and small temperature coefficients. All ceramic capacitors derate with DC bias voltage (effective
capacitance goes down as DC bias goes up). Generally, smaller case-size capacitors derate more heavily compared to
larger case sizes (0603 case size performs better than 0402). Consider the effective capacitance value carefully by
consulting the manufacturer's data sheet. Refer to Tutorial 5527 for more information.
Output Capacitor Selection
Sufficient output capacitance (COUT) is required for the stable operation of the converter. For minimum effective output
capacitances for different output voltage targets are shown in Table 2. Effective COUT is the actual capacitance value
seen by the converter output during operation. Larger values (above the required effective minimum) improve load
transient performance but increase input surge currents during soft-start and output voltage changes. The output filter
capacitor must have a low enough ESR for frequencies up to the converter's switching frequency to meet output ripple
and load transient requirements. The output capacitance must be high enough to absorb the inductor energy while
transitioning from full-load to no-load conditions. or most applications, 2 x 22μ capacitors (10 DC) are recommended
for COUT.
Pay special attention to the capacitor's voltage rating, initial tolerance, variation with temperature, and DC bias
characteristic when selecting COUT. Ceramic capacitors with X7R dielectrics are highly recommended due to their small
size, low ESR, and small temperature coefficients. All ceramic capacitors derate with DC bias voltage (effective
capacitance goes down as DC bias goes up). Generally, smaller case-size capacitors derate more heavily compared to
larger case sizes (0603 case size performs better than 0402). Consider the effective capacitance value carefully by
consulting the manufacturer's data sheet. Refer to Tutorial 5527 for more information.
Other Required Component Selection
The resistor between the RSEL pins and GND should have a tolerance of ±1% for the internal ADC to read the value
accurately.
PCB Layout Guideline
Careful circuit board layout is critical to achieve low switching power loss and clean, stable operation.
Use the following guidelines when designing the PCB:
• Place the input capacitors (CIN) and output capacitors (COUT) immediately next to the IN pin and OUT pin of the IC,
respectively. Since the IC operates at a high switching frequency with fast LX edges, this placement is critical for
minimizing parasitic inductance within the input and output current loops, which can cause high voltage spikes and
damage the internal switching MOSFETs.
• Place the inductor next to the LX bumps (as close as possible) and make the traces between the LX bumps and the
inductor short and wide to minimize PCB trace impedance. Excessive PCB impedance reduces converter efficiency.
When routing LX traces on a separate layer, make sure to include enough vias to minimize trace
impedance. Routing LX traces on multiple layers is recommended to further reduce trace impedance. Furthermore,
do not make LX traces take up an excessive amount of area. The voltage on this node switches very quickly, and
an additional area creates more radiated emissions.
• Connect the inner GND bumps to the low-impedance ground plane on the PCB with vias placed next to the bumps.
Do not create GND islands, as they risk interrupting the hot loops.
• Keep the power traces and load connections short and wide. This is essential for high converter efficiency.
• Do not neglect ceramic capacitor DC voltage derating. Choose capacitor values and case sizes carefully. See the
Output Capacitor Selection section and refer to Tutorial 5527 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com