Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 13 Page - Analog Devices

Part # DFE201612E-R33M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R33M Datasheet(HTML) 13 Page - Analog Devices

Back Button DFE201612E-R33M Datasheet HTML 9Page - Analog Devices DFE201612E-R33M Datasheet HTML 10Page - Analog Devices DFE201612E-R33M Datasheet HTML 11Page - Analog Devices DFE201612E-R33M Datasheet HTML 12Page - Analog Devices DFE201612E-R33M Datasheet HTML 13Page - Analog Devices DFE201612E-R33M Datasheet HTML 14Page - Analog Devices DFE201612E-R33M Datasheet HTML 15Page - Analog Devices DFE201612E-R33M Datasheet HTML 16Page - Analog Devices DFE201612E-R33M Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 13
below 28kHz (typical), the part enters nanoPower mode. In nanoPower mode, the part turns off the error amplifier and
other internal blocks to reduce the power consumption and goes to sleep. Once the VOUT level drops below the threshold,
the part wakes up and initiates switching cycles to bring the output voltage into regulation. The device regulates to 102.5%
of the target voltage when operating in nanoPower mode. When the load is increased and the VOUT level drops below
the threshold, the part starts switching and enters normal operation (DCM or CCM mode).
VOUT
ILOAD
FMIN
FMIN
FMIN
VOUT_TARGET
1.025 x VOUT_TARGET
(TYP.)
LOW-POWER MODE
FMIN
FMIN
Figure 3. nanoPower Mode of Operation
Thermal Shutdown
When the junction temperature exceeds TSHUT_R (+165°C typical), the converter is turned off until the temperature drops
to TSHUT_F (+150°C typical), after which the part starts up again. If the fault condition persists, power is cycled on and
off until the fault is cleared.
Overcurrent Protection
The IC features a cycle-to-cycle peak current limit of 3.6A (typical) to protect the IC and the system from overload
conditions. When the IC is in boost mode and the inductor current hits the current limit, the PMOS is turned on to start a
discharge cycle and bring the inductor current down.
Short-Circuit Protection
When the MAX18000 is hard shorted and the output voltage falls below 0.5V, it enters the hard short state. In the hard-
short condition, the part stops switching, and the PMOS switch limits the short-circuit current from the input to 0.7A
(typical).
If the fault persists, the heat generated in the PMOS switch due to the short-circuit current may cause the part to enter
thermal shutdown.
When the fault is removed, the part enters the PMOS slew until VIN = VOUT. After the PMOS slew is complete, the IC
skips the boost slew phase (that is observed during startup) and enters the boost mode of operation. This operation could
lead to an overshoot in output voltage of about 10% (typical) when VIN and VOUT are close to each other.
SHORT
VOUT
ILX
IPEAK_LX = 3.6A
ISC = 0.7A
Figure 4. Short-Circuit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com