Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2010TMA-R33M Datasheet(PDF) 12 Page - Analog Devices

Part # SRP2010TMA-R33M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SRP2010TMA-R33M Datasheet(HTML) 12 Page - Analog Devices

Back Button SRP2010TMA-R33M Datasheet HTML 8Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 9Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 10Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 11Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 12Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 13Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 14Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 15Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 12
4.8
14
4.9
11.8
5.0
10.0
5.1*
8.45
5.2*
7.15
5.3*
5.9
5.4*
4.99
5.5*
Short to Ground
*USM disabled for VOUT > 5V.
**Use a standard 1% resistor at the RSEL pin.
Soft-Start
When the EN logic goes high and VIN > VIN_UVLO, the MAX18002 starts up by turning on the bias circuitry after which
the resistance value at the RSEL pin is read to set the VOUT target voltage level. The MAX18002 addresses the issue of
high inrush current during start-up by having the high-side PMOS operate in linear mode (PMOS slew) until VOUT = VIN.
The PMOS slew phase typically takes about 350µs.
After the PMOS slew is complete, the high-side PMOS turns off and the IC enters a boost-slew mode. In the boost slew
mode of operation, the part switches and the output voltage ramps up with a slew rate of 3V/ms (typical) until the regulation
target.
If the MAX18002 sees an output voltage level of less than 0.5V after the PMOS slew timer expires (350µs typical), it
enters short-circuit protection mode. In short-circuit protection mode, the IC stops switching and the PMOS current is
limited to 700mA (typical).
EN
TDLY_EN
TSS_LINEAR = 350µs
VOUT
SLEWSS_BOOST = 3V/ms
VIN
BOOST MODE
Figure 2. Soft-Start Behavior
Boost Control Scheme
The MAX18002 operates based on an adaptive on-time current mode control. Adaptive on-time is used to get a fast
transient response and better efficiency across the product operation range. In both continuous conduction mode (CCM)
and discontinuous conduction mode (DCM), the on-time is adjusted depending on the input voltage and target output
voltage.
Automatic Pass-Through
Automatic pass-through mode is activated whenever VIN > VOUT. During the pass-through mode of operation, the
MAX18002 follows the VIN level and operates at a switching frequency of 29kHz (typical) in USM to stay away from
acoustic audible range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com