Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2010TMA-R33M Datasheet(PDF) 13 Page - Analog Devices

Part # SRP2010TMA-R33M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SRP2010TMA-R33M Datasheet(HTML) 13 Page - Analog Devices

Back Button SRP2010TMA-R33M Datasheet HTML 9Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 10Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 11Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 12Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 13Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 14Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 15Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 16Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 13
Ultrasonic Mode (USM)
The MAX18002 features a USM in which the converter seamlessly operates at a switching frequency of 29kHz (typical)
to stay away from acoustic audible noise interference while operating at light loads. The USM circuit operates by clamping
the minimum switching frequency.
When the load current reduces, the switching frequency goes down until it reaches 29kHz (typical). USM is turned on at
this stage. In USM, the MAX18002 switches at 29kHz (typical) until the output voltage reaches 2% above the output
voltage target. The device then switches at about 29kHz (typical) and keeps the boost discharge cycle on even after the
inductor current crosses 0A resulting in the output capacitor discharging to the input. This extra cycle is necessary to
prevent the output voltage from ramping up. The MAX18002 overregulates to 5% above the output voltage target when
the part operates in no load.
VOUT
ILOAD
FUSM
VOUT_TARGET
1.02 x VOUT_TARGET
FUSM
ILX
USM OPERATION
LOAD DE PENDANT
REGULATION POINT
Figure 3. USM Operation
Thermal Shutdown
When the junction temperature exceeds TSHUT_R (+165°C typical), the converter is turned off until the temperature drops
to TSHUT_F (+150°C typical) after which the part starts up again. If the fault condition persists, power is cycled on and off
until the fault is cleared.
Over-Current Protection
The MAX18002 features a cycle-to-cycle peak current limit of 3.6A (typical) to protect the IC and the system from overload
conditions. When the IC is in boost mode and the inductor current hits the current limit, the pMOS is turned on to start a
discharge cycle and bring the inductor current down.
When the IC hits current limit in pass-through mode, the pMOS turns off to protect the part causing the inductor current
to fall to zero. The part then goes into pMOS slew mode gradually causing the inductor current to rise and bring output
back to the VIN level.
Short-Circuit Protection
When the MAX18002 is hard shorted and the output voltage falls below 0.5V, it enters hard-short state. In the hard-short
condition, the MAX18002 stops switching and pMOS switch limits short-circuit current from the input to 0.7A (typical).
If the fault persists, the heat generated in the pMOS switch due to the short-circuit current may cause the part to enter
thermal shutdown.
When the fault is removed, the MAX18002 goes into pMOS slew until VIN = VOUT. After the pMOS slew is complete, the
MAX18002 skips the boost slew phase (that is observed during start-up) and enters the boost mode of operation. This
operation could lead to an overshoot in output voltage of about 10% (typical) when VIN and VOUT are close to each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com