Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2010TMA-R33M Datasheet(PDF) 2 Page - Analog Devices

Part # SRP2010TMA-R33M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SRP2010TMA-R33M Datasheet(HTML) 2 Page - Analog Devices

  SRP2010TMA-R33M Datasheet HTML 1Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 2Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 3Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 4Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 5Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 6Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 7Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 8Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 2
Absolute Maximum Ratings
IN, EN, OUT, RSEL to GND .................................-0.3V to +6V
PGND to GND ...................................................-0.3V to +0.3V
LX RMS current...................................-2.4ARMS to +2.4ARMS
LX to GND (Note 1) ................................ -0.3V to VOUT + 0.3V
Output Short-Circuit Duration .................................Continuous
Continuous
Power Dissipation
(TA = +70°C (derate
12.34mW/°C above +70°C))........................................ 980mW
Operating Temperature Range .......................-40˚C to +125˚C
Maximum Junction Temperature.................................. +150˚C
Storage Temperature Range ..........................-65˚C to +150˚C
Lead Temperature (soldering, 10 seconds).................. +300˚C
Soldering Temperature (reflow).................................... +260˚C
Note 1: LX pin has internal clamps to GND and OUT. These diodes may be forward biased during switching transitions. During
these transitions, the max LX current should be within the maximum RMS current rating for safe operation.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Recommended Operating Conditions
PARAMETER
SYMBOL
TYPICAL RANGE
Input Voltage Range
VIN
0.5V to 5.5V
Switching Current Limit
IPEAK_LX
0A to 3.6A
Operating Junction Temperature
TJ
-40˚C to +125˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com