Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2010TMA-R33M Datasheet(PDF) 1 Page - Analog Devices

Part # SRP2010TMA-R33M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SRP2010TMA-R33M Datasheet(HTML) 1 Page - Analog Devices

  SRP2010TMA-R33M Datasheet HTML 1Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 2Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 3Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 4Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 5Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 6Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 7Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 8Page - Analog Devices SRP2010TMA-R33M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Click here to ask an associate for production status of specific part numbers.
MAX18002
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
19-101623; Rev 0; 1/23
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The MAX18002 is an ultrasonic, high-performance boost
converter with an input voltage range of 0.5V to 5.5V and
a switching current limit of 3.6A. The IC operates in
ultrasonic mode (USM) (FSW at 29kHz typ) at low loads
and transitions into skip mode and continuous
conduction mode (CCM) of operation at higher load
currents. The MAX18002 can operate in pass-through
mode when the input voltage is higher than the output
voltage.
The output voltage can be varied between 2.5V and 5.5V
(USM disabled for VOUT > 5V) using a single RSEL
resistor.
The MAX18002 features a True Shutdown™ mode
which disconnects VIN and VOUT when the EN pin is
pulled low. It also features a short-circuit protection
circuitry that limits the current to 700mA when VOUT <
0.5V and automatically restarts the part when the fault is
removed. The thermal-shutdown protection disables the
part when the junction temperature crosses +165˚C
(typ).
The MAX18002 is available in 1.07mm x 1.57mm, 6-
bump, wafer-level package (WLP).
True Shutdown is a trademark of Maxim Integrated Products, Inc.
Benefits and Features
• 0.5V to 5.5V Input Voltage
• 1.8V Minimum Start-Up Voltage
• 2.5V to 5.5V (in 100mV Steps) Output Voltage
• 3.6A Cycle-by-Cycle Inductor Current Limit
• Automatic Pass-Through Mode when VIN > VOUT
• Ultrasonic Mode (FSW at 29kHz typ) to Alleviate
Acoustic Audible Interference for Light-Load
Operation
• True-Shutdown Mode
- 7nA Shutdown Current
- Output Disconnects from Input Without
Forward or Reverse Current
• Output Short-Circuit Protection
• Thermal-Shutdown Protection
• 95% Peak Efficiency (3.6VIN, 5VOUT)
• 1.07mm x 1.57mm, 0.5mm Pitch, 6-Bump WLP
• -40°C to +125°C Operating Temperature Range
Key Applications
• Wearable Applications
• IoT Applications
• Battery-Powered Applications
• Portable Devices
• Metering Applications
Ordering Information appears at end of data sheet.
Simplified Application Diagram
RSEL
OUT
RSEL
IN
LX
EN
GND
0.5V TO 5.5V
DC SOURCE
VOUT
2.5V TO 5.2V
MAX18002
LOW (OFF)
HIGH (ON)
L
CIN
10V, X5R,
0603, 22µF
COUT
10V, X5R,
0603, 2x22µF
6.35mm
RSEL
0402
CIN
0603


Similar Part No. - SRP2010TMA-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP2010TMA-R33M BOURNS-SRP2010TMA-R33M Datasheet
601Kb / 4P
SRP2010TMA Series - Shielded Power Inductors
05/22
logo
Analog Devices
SRP2010TMA-R33M AD-SRP2010TMA-R33M Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - SRP2010TMA-R33M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com