Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7LVC1284D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 7LVC1284D
Description  3.3V Parallel printer interface transceiver/buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC1284D Datasheet(HTML) 5 Page - NXP Semiconductors

  7LVC1284D Datasheet HTML 1Page - NXP Semiconductors 7LVC1284D Datasheet HTML 2Page - NXP Semiconductors 7LVC1284D Datasheet HTML 3Page - NXP Semiconductors 7LVC1284D Datasheet HTML 4Page - NXP Semiconductors 7LVC1284D Datasheet HTML 5Page - NXP Semiconductors 7LVC1284D Datasheet HTML 6Page - NXP Semiconductors 7LVC1284D Datasheet HTML 7Page - NXP Semiconductors 7LVC1284D Datasheet HTML 8Page - NXP Semiconductors 7LVC1284D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC1284
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
5
AC WAVEFORMS
VM = 1.5V
VX = VOL "0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drops that occur with the
output load. (VCC never goes below 3.0V).
VM
tPLH
tPHL
VOH
VOL
SY00001
VM
INPUTS
GND
OUTPUTS
V = 2.7V
Waveform 1.
Input Bn to output An propagation delays
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
tPZH
VM
VM
VM
VM
VM
tPZL
tPHZ
tPLZ
outputs
enabled
outputs
disabled
outputs
enabled
DIR
to A
DIR
to B
HD
to B
VX
VY
SY00002
Waveform 2.
3-State enable and disable times
tPLH
tPHL
SY00008
INPUT
OUTPUT
2.4V
1.4V
0.4V
VOUT
VOUT –1.4V
1.4V
1.4V
Waveform 3.
Voltage Waveforms Propagation Delay Times
(A To B) Measured at Output Pin
0.4V
2.4V
0.9V
0.4V
t1
t2
t1
t2
2.4V
1.9V
INPUT
OUTPUT
SY00007
Waveform 4.
Slew Rate Waveforms Voltage Waveforms
(Input pulse rise and fall time are 3ns, 150ns
t pulse width t10 µs,
for both a Low to High and a High to Low transition.)
Slew Rate measured between 0.4V and 0.9V - rising.
Slew Rate measured between 2.4V and 1.9V - falling.
Slew Rate measured at TP1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com