Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7LVC1284D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 7LVC1284D
Description  3.3V Parallel printer interface transceiver/buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC1284D Datasheet(HTML) 2 Page - NXP Semiconductors

  7LVC1284D Datasheet HTML 1Page - NXP Semiconductors 7LVC1284D Datasheet HTML 2Page - NXP Semiconductors 7LVC1284D Datasheet HTML 3Page - NXP Semiconductors 7LVC1284D Datasheet HTML 4Page - NXP Semiconductors 7LVC1284D Datasheet HTML 5Page - NXP Semiconductors 7LVC1284D Datasheet HTML 6Page - NXP Semiconductors 7LVC1284D Datasheet HTML 7Page - NXP Semiconductors 7LVC1284D Datasheet HTML 8Page - NXP Semiconductors 7LVC1284D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC1284
3.3V Parallel printer interface transceiver/buffer
2
1995 Nov 10
853-1819 16000
FEATURES
• Asynchronous operation
• 4-Bit transceivers
• 3 additional buffer/driver lines
• TTL compatible inputs
• ESD protection exceeds 1000V per MIL STD 883 Method 3015
and 200V per Machine Model
• Input Hysteresis
• Low Noise Operation
• Center Pin V
CC & GND
• IEEE 1284 Compliant Level 1 & 2
• Overvoltage Protection on B side
DESCRIPTION
The 74LVC1284 parallel interface chip is designed to provide an
asynchronous, 4-bit, bi-directional, parallel printer interface for
personal computers. Three additional lines are included to provide
handshaking signals between the host and the peripheral. The part
is designed to match IEEE 1284 standard.
The 4 transceiver pins (A/B 1-4) allow data transmission from the A
bus to the B bus, or from the B bus to the A bus, depending on the
state of the direction pin DIR.
The B bus and the Y5-Y7 lines have totem pole or open drain style
outputs depending on the state of the high drive enable pin HD.
The A bus only has totem pole style outputs. All inputs are TTL
compatible with at least 300mV of input hysteresis at VCC = 3.3V.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
RD
B/Y Side output resistance
VCC = 3.3V; VO = 1.65V "0.2V (See Figure 2)
45
Ω
SR
B/Y Side slew rate
RL = 62Ω; CL = 50pF (See Waveform 4)
0.2
V/ns
ICC
Total static current
VI = VCC/GND; IO = 0
5
µA
VHYS
Input hysteresis
VCC= 3.3V
0.4
V
tPLH/tPHL
A –B/Y
Propagation delay
to the B/Y side outputs
VCC = 3.3V
12.6/12.4
ns
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
20-pin plastic SO
0
°C to +70°C
7LVC1284 D
SOT163-1
20-pin plastic SSOP Type II
0
°C to +70°C
74LVC1284 DB
SOT339-1
20-pin plastic TSSOP Type I
0
°C to +70°C
74LVC1284 PW
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A1
A2
A3
A4
GND
GND
A5
A6
A7
DIR
B1
B2
B3
B4
VCC
VCC
Y5
Y7
Y6
HD
SK00001
LOGIC SYMBOL
DIR
HD
Y7
A7
AY
Y6
A6
AY
Y5
A5
AY
B4
A4
AB
AB
B2
A2
AB
AB
B3
A3
B1
A1
SK00009



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com