Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7LVC1284D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 7LVC1284D
Description  3.3V Parallel printer interface transceiver/buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC1284D Datasheet(HTML) 3 Page - NXP Semiconductors

  7LVC1284D Datasheet HTML 1Page - NXP Semiconductors 7LVC1284D Datasheet HTML 2Page - NXP Semiconductors 7LVC1284D Datasheet HTML 3Page - NXP Semiconductors 7LVC1284D Datasheet HTML 4Page - NXP Semiconductors 7LVC1284D Datasheet HTML 5Page - NXP Semiconductors 7LVC1284D Datasheet HTML 6Page - NXP Semiconductors 7LVC1284D Datasheet HTML 7Page - NXP Semiconductors 7LVC1284D Datasheet HTML 8Page - NXP Semiconductors 7LVC1284D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC1284
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1,2,3,4
A1 - A4
Data inputs/outputs
20,19,18,17
B1 - B4
IEEE 1284 Std.
outputs/inputs
7,8,9
A5 - A7
Data inputs
14,13,12
Y5 - Y7
IEEE 1284 Std. outputs
10
DIR
Direction selection
11
HD
B/Y–side high drive
enable/disable
5,6
GND
Ground (0V)
15,16
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS/OUTPUTS
DIR
HD
A5-7
Y5-7
A1-4
B1-4
L
L
L
L
A = B
Inputs
L
L
H
Z
A = B
Inputs
L
H
L
L
A = B
Inputs
L
H
H
H
A = B
Inputs
H
L
L
L
Inputs Low
Outputs Low
H
L
H
Z
Inputs High
Outputs Z
H
H
L
L
Inputs
B = A
H
H
H
H
Inputs
B = A
H = High Voltage
L = Low Voltage
Z = High Impedance, Off-State
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
ESD Immunity, per Mil Std 883C method 3015
"2
kV
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
"20
mA
IOK
DC output diode current
VO < 0
"50
mA
VIN
DC input voltage3
–0.5 to +5.5
V
VOUT B/YDC
DC output voltage on B/Y side3
–0.5 to +5.5
V
VOUT B/Y (tr)
Transient output voltage on B/Y side4
40ns transient
–2 to +7
V
VOUT A side
DC output voltage on A side
–0.5 to VCC +0.5
V
IO
DC output current
Outputs in High or Low state
"50
mA
Tstg
Storage temperature range
–60 to +150
°C
ICC/IGND
Continuous current through VCC or GND
"200
mA
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4. VOUT B/Y (tr) guarantees only that this part will not be damaged by reflections in application so long as the voltage levels remain in the
specified range.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
3.0
3.6
V
VI
Input voltage
0
VCC
V
VOUT
B/Y output voltage
–0.5
5.5
V
VOUT
A side output voltage
0
VCC
V
IOH
B/Y side output current High
–14
mA
IOL
B/Y side output current Low
14
mA
Tamb
Operating free-air temperature range
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com