Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7LVC1284D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 7LVC1284D
Description  3.3V Parallel printer interface transceiver/buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC1284D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 7LVC1284D Datasheet HTML 2Page - NXP Semiconductors 7LVC1284D Datasheet HTML 3Page - NXP Semiconductors 7LVC1284D Datasheet HTML 4Page - NXP Semiconductors 7LVC1284D Datasheet HTML 5Page - NXP Semiconductors 7LVC1284D Datasheet HTML 6Page - NXP Semiconductors 7LVC1284D Datasheet HTML 7Page - NXP Semiconductors 7LVC1284D Datasheet HTML 8Page - NXP Semiconductors 7LVC1284D Datasheet HTML 9Page - NXP Semiconductors 7LVC1284D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVC1284
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
6
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
50pF
VCC
Test Circuit for Bn or Yn Outputs
GND
VCC
RL = 500Ω tPLH/PHL
= 62
Ω for SR test
PULSE
GENERATOR
RT
VIN
D.U.T
VOUT
RL
VCC
Test Circuit for An Outputs
VM
NEGATIVE
PULSE
90%
tW
POSITIVE
PULSE
10%
VM = 1.5V
Input Pulse Definition
74LVC
SY00004
S1
CL
tW
10%
tTHL (tf)
tTLH (tr)
90%
VM
10%
VM
90%
tTHL (tf)
tTLH (tr)
AMP (V)
0V
AMP (V)
0V
VM
10%
90%
SWITCH POSITION
Bn or Yn Outputs
TEST
SWITCH
tPLH
GND
tPHL
VCC
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1MHz
500ns
3ns
3ns
Waveform 5.
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2 x VCC
Open
GND
500
Ω
500
Ω
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
GND
tPLZ/tPZL
2 x VCC
tPHZ/tPZH
tPLH/tPHL
Open
SY00003
VCC
Figure 1. Load Circuitry for Bn to An Switching Times
TEST CIRCUIT
D.U.T.
VCC
IO
VCC/2
IO is measured by forcing VCC/2 on the output. RD can then
be calculated using the equation RD = VCC/2 IO .
SY00005
Figure 2. Output Impedance RD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com